Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • UL66CG-06-AB3-R

  • AI
    The **UL66CG-06-AB3-R** is a specific integrated circuit, typically categorized as a **Voltage Detector** or **Reset IC**, often manufactured by UTC (Unisonic Technologies Co., Ltd). These components are essential for monitoring power supply levels and ensuring microcontrollers or digital systems start or reset correctly. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the UL66 series, here are the primary technical characteristics: | Parameter | Specification | | :--- | :--- | | **Function** | CMOS Voltage Detector | | **Detection Voltage** | 0.6V (indicated by the "-06") | | **Output Type** | Push-Pull (indicated by "C") | | **Package Type** | SOT-23 (indicated by "AB3") | | **Operating Voltage Range** | 0.7V to 10V (Typical) | | **Quiescent Current** | Low power consumption (~1.0µA) | | **Packing Type** | Tape & Reel (indicated by "R") | --- ### 2. Part Number Breakdown Understanding the suffix and prefix codes helps identify exact functionality: * **UL66**: Series name (High-accuracy voltage detector). * **C**: Output Configuration (C = CMOS / Push-Pull output; N = Open Drain). * **G**: Halogen-free and Lead-free (Green product). * **06**: Detection Voltage (0.6 Volts threshold). * **AB3**: Package code for **SOT-23**. * **R**: Shipping format (**Tape & Reel**). --- ### 3. Functional Pinout (SOT-23) The device typically features three pins to perform its monitoring duty: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VOUT** | Reset Output signal. | | 2 | **VDD** | Power supply input and monitoring pin. | | 3 | **VSS** | Ground. | --- ### 4. Typical Applications This electronic part is used in circuits where the system must be held in a "Reset" state until the power supply reaches a stable, safe operating voltage. * **Microprocessor Reset:** Prevents code execution errors during power-up or power-down. * **Battery Checkers:** Signals when a battery drops below a critical level. * **Power Failure Detectors:** Provides a warning signal before the system loses total power. * **Battery-Powered Gear:** Ideal for wearables or IoT devices due to extremely low current draw. --- ### 5. Implementation Example Below is a simple representation of how the UL66 series is typically integrated into a circuit: ```cpp // Logic Flow of the UL66CG If (VDD < Detection_Voltage) { VOUT = LOW; // System is kept in Reset } else if (VDD > (Detection_Voltage + Hysteresis)) { VOUT = HIGH; // System is allowed to run } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between CMOS and Open-Drain output in voltage detectors?
    • ⤷ How does the hysteresis feature prevent chatter in the UL66 series?
    • ⤷ What are the alternative packages available for the UL66 series?