Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • UP2003L-TN3-R

  • AI
    ### Overview of UP2003L-TN3-R The **UP2003L-TN3-R** is a specific electronic component, typically identified as an **N-Channel Enhancement Mode Power MOSFET**. It is designed for high-density mounting and efficient power management in various electronic circuits. --- ### Key Specifications Below are the typical technical parameters for this component: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Transistor Polarity** | Channel Type | N-Channel | | **Drain-Source Voltage ($V_{DSS}$)** | Maximum voltage across D and S | 30V | | **Continuous Drain Current ($I_D$)** | Max current flow | 20A - 30A (Varies by thermal dissipation) | | **Drain-Source On-Resistance ($R_{DS(on)}$)** | Resistance when fully "on" | ~20 mΩ @ $V_{GS}=10V$ | | **Gate-Source Voltage ($V_{GS}$)** | Control voltage range | ±20V | | **Package Type** | Physical housing | TO-252 (D-PAK) | --- ### Package and Part Number Breakdown The suffix **TN3-R** provides specific information about the physical form and packaging: * **TN3**: Refers to the **TO-252** package (also known as D-PAK). This is a surface-mount package designed for high power dissipation. * **-R**: Indicates **Tape and Reel** packaging, used for automated pick-and-place assembly lines. * **L**: Often denotes "Lead-free" or "Low-threshold" depending on the specific manufacturer series (usually UTC - Unisonic Technologies). --- ### Typical Applications Due to its low on-resistance and high switching speed, the UP2003L is commonly used in: 1. **DC-DC Converters:** Converting voltage levels in computers or telecommunications equipment. 2. **Power Management:** Serving as a switch in battery-operated devices. 3. **Motor Control:** Driving small DC motors or actuators. 4. **Load Switching:** Turning peripheral power rails on and off. --- ### Internal Circuit Diagram (Simplified) ```text Drain (Pin 2 / Tab) | | Gate--|--[ Body Diode ] (Pin 1) | | Source (Pin 3) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the gate threshold voltage (Vgs(th)) for the UP2003L?
    • ⤷ Can I use the UP2003L in a 5V logic circuit?
    • ⤷ What are the equivalent alternative parts for UP2003L?