UP4B-3R3-R
AI

### UP4B-3R3-R Component Overview
The **UP4B-3R3-R** is a high-power, shielded drum core inductor manufactured by Eaton (formerly Bussmann). It is specifically designed for high-density power applications where surface-mount technology (SMT) and high efficiency are required.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 3.3 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 11.4 Amperes |
| **Saturation Current (Isat)** | 16.0 Amperes |
| **DC Resistance (DCR)** | 0.0069 Ohms (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | Non-standard SMT (approx. 22mm x 15mm) |
| **Shielding** | Shielded (Magnetic) |
---
### Key Features
1. **High Power Density:** The "UP4B" series is known for its ability to handle high current in a relatively compact footprint compared to through-hole counterparts.
2. **Magnetic Shielding:** The part is shielded to minimize Electromagnetic Interference (EMI), making it suitable for noise-sensitive circuits.
3. **Low DCR:** The extremely low DC resistance (6.9 mΩ) ensures minimal power loss and reduced heat generation during operation.
4. **Rugged Construction:** Designed to withstand the thermal stresses of infrared and vapor phase reflow soldering.
---
### Common Applications
* **DC-DC Converters:** Used as the main energy storage element in buck, boost, or buck-boost regulators.
* **Voltage Regulator Modules (VRM):** Found in server power supplies and high-end computing.
* **Industrial Electronics:** Used in motor control circuits and high-current power distribution.
* **Renewable Energy:** Integration in solar inverters or battery management systems.
---
### Physical Dimensions (Approximate)
* **Length:** 22.35 mm
* **Width:** 15.24 mm
* **Height:** 11.94 mm
- ⤷
What are the equivalent alternatives to the UP4B-3R3-R if it is out of stock?
- ⤷ How does the saturation current impact the performance of this inductor in a buck converter?
- ⤷ What is the recommended PCB footprint for soldering this specific component?