UPC1663B
AI

## Overview of the uPC1663B
The **uPC1663B** is a high-frequency differential amplifier IC developed by NEC (now Renesas Electronics). It is specifically designed as a wideband video amplifier, typically used in high-resolution monitors, medical imaging, and communication equipment.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the uPC1663B:
| Parameter | Specification |
| :--- | :--- |
| **Circuit Type** | Differential Input / Differential Output |
| **Bandwidth (-3dB)** | 120 MHz (Typical) |
| **Voltage Gain ($A_v$)** | 38 dB (Typical) |
| **Supply Voltage ($V_{cc}$)** | $\pm$6 V or +12 V |
| **Slew Rate** | 200 V/µs |
| **Input Impedance** | 20 k$\Omega$ |
| **Package Types** | 8-pin DIP or 8-pin SOP |
---
### 2. Functional Electronic Components
The uPC1663B is not just a simple transistor; it is an Integrated Circuit (IC) consisting of several internal stages:
1. **Input Stage:** A differential pair that provides high input impedance and rejection of common-mode noise.
2. **Gain Stage:** Utilizes internal feedback to maintain a flat frequency response up to 120 MHz.
3. **Output Stage:** A low-impedance emitter follower stage capable of driving capacitive loads (like the cathode of a CRT or high-speed ADCs).
4. **Gain Adjustment:** It features specific pins for external gain control, allowing the user to fine-tune the amplification using an external resistor.
---
### 3. Pin Configuration
| Pin Number | Symbol | Function |
| :---: | :--- | :--- |
| 1 | NC | No Connection |
| 2 | IN- | Inverting Input |
| 3 | IN+ | Non-inverting Input |
| 4 | V- | Negative Power Supply (or Ground) |
| 5 | OUT+ | Non-inverting Output |
| 6 | OUT- | Inverting Output |
| 7 | Gain | External Gain Adjustment |
| 8 | V+ | Positive Power Supply |
---
### 4. Typical Application Circuit
In a standard configuration, the uPC1663B is used to amplify low-level video signals before they reach the final driver stage.
```markdown
Vcc (+6V)
|
[Capacitor] --- Pin 8 (V+)
|
Input Signal --- Pin 3 (IN+)
Input Signal --- Pin 2 (IN-)
|
Pin 7 (Gain) --- [Resistor R_g] --- Ground (Controls Gain)
|
Output Signal -- Pin 5 (OUT+)
Output Signal -- Pin 6 (OUT-)
|
[Capacitor] --- Pin 4 (V-)
|
Vee (-6V)
```
### 5. Common Use Cases
* **Video Preamplifiers:** Used in CRT monitors and high-end projectors.
* **Pulse Amplifiers:** Suitable for high-speed pulse detection due to the 200 V/µs slew rate.
* **Communications:** Used in IF (Intermediate Frequency) stages of radio receivers.
---
- ⤷
What is the difference between the uPC1663B and the standard uPC1663?
- ⤷ How do I calculate the external resistor value for a specific gain?
- ⤷ Can the uPC1663B be used with a single-polarity power supply?