US203ALL-AF5-R
AI

The **US203ALL-AF5-R** is a specific integrated circuit manufactured by **UTC (Unisonic Technologies)**. It is primarily categorized as a low-dropout (LDO) linear voltage regulator.
Below is a detailed breakdown of its electronic specifications and technical attributes.
---
### 1. General Overview
The US203 series is designed for low-power applications where stable voltage regulation and low quiescent current are required. The "ALL" suffix typically denotes specific output voltage configurations or performance grades, while "AF5" refers to the package type.
### 2. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Product Category** | Low Dropout (LDO) Linear Regulator |
| **Output Type** | Fixed Output (Typically 1.2V to 5.0V depending on variant) |
| **Output Current** | ~300mA to 500mA (Standard for US203 series) |
| **Package Type** | SOT-25 / SOT-23-5 (AF5 Code) |
| **Input Voltage Range** | Up to 6.0V - 7.0V |
| **Low Dropout Voltage** | High efficiency with minimal voltage loss between input and output |
| **Protection Features** | Thermal Shutdown, Over-current Protection, Short Circuit Protection |
---
### 3. Pin Configuration (AF5 / SOT-25)
In the AF5 (SOT-23-5) package, the pins are typically assigned as follows:
| Pin Number | Designation | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Voltage |
| 2 | **GND** | Ground |
| 3 | **CE / EN** | Chip Enable (Active High) |
| 4 | **NC / BYP** | No connection or Bypass Capacitor for noise reduction |
| 5 | **VOUT** | Regulated Output Voltage |
---
### 4. Part Number Decoding
The suffix "AF5-R" provides information about the physical housing and shipping:
* **US203**: Device series name.
* **ALL**: Specific internal trimming or voltage accuracy grade.
* **AF5**: Package code for **SOT-25** (also known as SOT-23-5).
* **R**: Shipping method, indicating **Tape and Reel**.
### 5. Common Applications
* **Battery-Powered Equipment**: Due to low quiescent current.
* **Mobile Communication**: Cellular phones and handheld devices.
* **Reference Voltages**: Providing stable power to microcontrollers (MCUs) and sensors.
* **Consumer Electronics**: Cameras, MP3 players, and tablets.
---
- ⤷What is the exact fixed output voltage for the 'ALL' variant of the US203?
- ⤷ How does the 'CE' pin function in power-saving modes?
- ⤷ What is the maximum power dissipation for the SOT-25 package used in this IC?