Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • UT40N03TL-TM3-R

  • AI
    ## Technical Overview of UT40N03TL-TM3-R The **UT40N03TL-TM3-R** is an N-Channel enhancement mode Power MOSFET designed by Unisonic Technologies (UTC). It is characterized by its high switching speed and low on-state resistance, making it suitable for power management and switching applications. ### 1. Key Specifications The following table highlights the primary electrical characteristics of the component: | Parameter | Symbol | Maximum Rating | Units | | :--- | :--- | :--- | :--- | | Drain-Source Voltage | $V_{DSS}$ | 30 | V | | Gate-Source Voltage | $V_{GSS}$ | $\pm$20 | V | | Continuous Drain Current | $I_D$ | 40 | A | | Pulsed Drain Current | $I_{DM}$ | 120 | A | | Static Drain-Source On-Resistance | $R_{DS(ON)}$ | 12 (at $V_{GS}=10V$) | m$\Omega$ | | Total Gate Charge | $Q_g$ | 15 (typ) | nC | --- ### 2. Package and Part Suffix Breakdown The part number provides specific information regarding its physical build and environmental compliance: * **UT40N03**: The base part number (40A, 30V MOSFET). * **L**: Lead-free plating (RoHS compliant). * **TM3**: Refers to the **TO-251 (IPAK)** package type. * **R**: Tape and Reel (packaging method). --- ### 3. Features and Applications #### Features * **Low $R_{DS(ON)}$:** Minimizes conduction losses, leading to higher efficiency. * **Fast Switching:** Optimized gate charge allows for high-frequency operation. * **Robustness:** High power density and thermal stability. #### Common Applications 1. **DC-DC Converters:** Used in buck/boost regulators for computers and servers. 2. **Motor Control:** Ideal for low-voltage BLDC motor drivers. 3. **Power Management:** Load switching in battery-powered devices. 4. **CPU Core Power:** High-speed switching in VRM (Voltage Regulator Modules). --- ### 4. Equivalent and Alternatives If the UT40N03TL is unavailable, these common MOSFETs often share similar footprints and ratings: * **AOD4184A** (30V, 40A) * **IRFR3707** (30V, 42A) * **STD40N3LH5** (30V, 40A) ---
    ✨ Follow-up Questions
    • ⤷What are the specific thermal resistance ratings for the TO-251 package used in this MOSFET?
    • ⤷ Can this MOSFET be driven directly by a 5V microcontroller logic signal?
    • ⤷ How does the gate charge (Qg) impact the switching losses in high-frequency applications?