Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • V853_

  • AI
    The **Allwinner V853** is a high-performance, low-power SoC (System on Chip) designed specifically for smart visual application development, such as AI cameras, video doorbells, and robotics. Below is a detailed breakdown of its core electronic components and architecture. --- ## 1. Core Processing Architecture The V853 utilizes a heterogeneous multi-core design to balance performance and efficiency. | Component | Architecture | Specifications | | :--- | :--- | :--- | | **Main CPU** | ARM Cortex-A7 | Single-core, up to 1.0GHz | | **RISC-V Core** | XuanTie E907 | 600MHz (Low-power tasks / control) | | **NPU** | Allwinner NPU | 1.0 TOPS AI Performance | | **DSP** | HiFi4 DSP | 600MHz (Audio/Image signal processing) | --- ## 2. Multimedia & Image Processing The V853 is heavily optimized for video encoding and image quality. ### Image Signal Processor (ISP) The ISP is the heart of the chip's vision capability: * **Resolution:** Supports up to 5M @ 30fps. * **Features:** 3D Noise Reduction (3DNR), Wide Dynamic Range (WDR), and Lens Distortion Correction (LDC). * **Interfaces:** Supports MIPI-CSI (2-lane/4-lane) and 8/10/12-bit Parallel CSI. ### Video Engine (VE) * **Encoding:** H.264/H.265 at 4K@15fps or 5M@30fps. * **Decoding:** Supports H.264/H.265/JPEG multi-format decoding. --- ## 3. Memory & Storage Interfaces The chip provides flexible options for external volatile and non-volatile memory. * **DDR Interface:** Supports DDR3/DDR3L up to 1600Mbps. Some variants (like the V853S) feature **SiP (System-in-Package) DDR**, meaning the RAM is built directly into the chip package for smaller PCB footprints. * **Storage:** * eMMC 5.0 interface. * SPI NAND/NOR Flash. * SD card (SD 3.0). --- ## 4. Peripheral Connectivity The V853 includes a standard array of I/O for connecting sensors and communication modules. ### High-Speed I/O * **USB:** USB 2.0 OTG. * **Ethernet:** Integrated 10/100M PHY for wired networking. ### Low-Speed Control * **UART:** Multiple channels for debugging and sensor communication. * **I2C/SPI:** For peripheral ICs like touch controllers or IMUs. * **PWM:** For motor control or LED dimming. * **ADC:** 12-bit resolution for analog sensor reading. --- ## 5. Power & Thermal Management The V853 is designed for fanless, low-power operation: * **Process Node:** 22nm fabrication process. * **Power Rails:** Requires 0.9V (Core), 1.5V (DDR3), and 1.8V/3.3V (I/O). * **Standby:** Features advanced power-gating to reduce consumption during idle states. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the V853 and the V853S variants?
    • ⤷ Which AI frameworks are supported by the V853 NPU?
    • ⤷ What are the recommended PMIC chips to use with the Allwinner V853?