Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • VAB-R06-B100

  • AI
    The **VAB-R06-B100** is a specific variant of the **VIA VAB-820** series, which is an enterprise-grade Pico-ITX board designed for industrial automation, energy management, and in-vehicle applications. It is powered by a NXP (formerly Freescale) i.MX 6Quad Plus Cortex-A9 SoC. --- ### 1. Core Processing Architecture The board is built on the ARM architecture, prioritizing high performance with low thermal output. | Component | Specification | | :--- | :--- | | **Processor** | NXP i.MX 6Quad Plus (Quad-Core Cortex-A9) | | **Clock Speed** | Up to 1.0 GHz | | **System Memory** | 1GB / 2GB DDR3 SDRAM (Onboard) | | **Flash Storage** | 4GB / 8GB eMMC Flash Memory | | **Graphics** | Integrated Vivante GC2000 (Supports OpenGL ES 2.0) | --- ### 2. Connectivity and I/O Interfaces The electronic design follows the **Pico-ITX** form factor (10 cm x 7.2 cm), packing significant I/O density into a small footprint. #### **External Rear I/O** * **HDMI:** 1 x HDMI 1.4 port for high-definition display output. * **Ethernet:** 1 x RJ-45 Gigabit Ethernet port (utilizing the Micrel KSZ9031RNX transceiver). * **USB:** 2 x USB 2.0 Type-A ports. * **Micro SD:** 1 x MicroSD card slot for expandable storage. #### **Internal Connectors (Headers)** * **LVDS:** Dual-channel 18/24-bit LVDS connector for flat-panel integration. * **COM/Serial:** Headers for RS-232/422/485 communication. * **Audio:** Front panel headers for Line-in, Line-out, and Mic-in. * **GPIO:** Support for general-purpose digital I/O for sensor/actuator control. * **Expansion:** 1 x Mini-PCIe slot (typically used for Wi-Fi or 3G/4G modules). --- ### 3. Power and Environmental Specs The electronic components are chosen for longevity and stability in 24/7 operation environments. * **Input Voltage:** 12V DC-in. * **Power Management:** Utilizes a specialized PMIC (Power Management Integrated Circuit) to handle the multi-rail requirements of the i.MX 6Quad processor. * **Operating Temperature:** 0°C to 60°C (Standard) or -20°C to 70°C (Extended). --- ### 4. Software and Firmware Support The hardware is designed to interface with the following electronic environments: * **Operating Systems:** Android, Linux (Yocto/Ubuntu). * **Bootloader:** U-Boot. ---
    ✨ Follow-up Questions
    • ⤷What are the specific power consumption ratings for the VAB-R06-B100 under full load?
    • ⤷ Can this board support dual-display output simultaneously via HDMI and LVDS?
    • ⤷ Is the eMMC storage upgradeable or is it soldered to the board?