VCMT053T-R33MN52M
AI

The **VCMT053T-R33MN52M** is a high-current, low-profile power inductor typically used in DC-DC converter applications. It belongs to the molded power inductor category, known for its excellent magnetic shielding and high reliability.
---
### 1. Part Number Breakdown
While naming conventions vary slightly by manufacturer (often Cyntec or Delta), the code generally breaks down as follows:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **VCMT** | Series Name | High-current, molded metal powder inductor. |
| **053T** | Case Size | Dimensions (approx. 5.4mm x 5.2mm x 3.0mm). |
| **R33** | Inductance | **0.33 µH** (R denotes the decimal point). |
| **M** | Tolerance | **±20%** tolerance on inductance. |
| **N52** | Material/Internal | Specific alloy core material and internal design code. |
| **M** | Termination | RoHS compliant/Lead-free finish. |
---
### 2. Key Technical Specifications
Based on the standard 053T series profile for 0.33µH inductors:
* **Inductance:** 0.33 µH.
* **Operating Temperature:** -55°C to +125°C (standard for automotive/industrial grades).
* **Core Material:** Carbonyl Iron or Metal Alloy Powder (provides soft saturation).
* **Construction:** Shielded construction (molded body) to reduce Electromagnetic Interference (EMI).
---
### 3. Electronic Characteristics
#### A. High Saturation Current ($I_{sat}$)
Because it uses a molded metal powder, the inductor does not have a "hard" saturation point. As current increases, the inductance drops gradually rather than abruptly, preventing sudden circuit failure.
#### B. Low DC Resistance (DCR)
The internal coil is usually made of heavy-gauge copper wire to minimize power loss through heat ($I^2R$ losses). This makes it highly efficient for high-speed switching regulators.
#### C. Magnetic Shielding
The molding process encapsulates the coil in a magnetic metal powder. This acts as a natural shield, containing the magnetic flux and preventing the component from interfering with nearby sensitive components on the PCB.
---
### 4. Common Applications
This specific inductor is found in high-frequency, high-current environments:
* **Voltage Regulator Modules (VRMs):** For CPUs and GPUs.
* **DC-DC Converters:** Point-of-load (POL) power supplies.
* **Automotive Electronics:** Infotainment and ADAS systems.
* **Mobile Devices:** Battery-powered high-efficiency circuits.
---
- ⤷
What are the exact physical dimensions and footprint for the VCMT053T?
- ⤷ How does the 'soft saturation' of this inductor compare to ferrite core inductors?
- ⤷ What is the typical current rating (Amps) for a 0.33uH molded inductor of this size?