VOS2T-R-21R0
AI

The **VOS2T-R-21R0** is an electronic component from the **VOS series**, typically categorized as a **VOS (Video over Silicon) Optical Transceiver** or a specialized fiber optic communication module often used in industrial or security video transmission systems.
Below is a detailed breakdown of its electronic parts and specifications.
---
### 1. General Specifications
This device acts as a transmitter or receiver (depending on the specific configuration in the pair) for high-definition video signals over fiber optic cables.
| Feature | Specification |
| :--- | :--- |
| **Type** | Fiber Optic Video Transmitter/Receiver |
| **Channel Count** | 2-Channel (Video/Data) |
| **Interface** | BNC (Video), Terminal Block (Data), FC/ST/SC (Optical) |
| **Wavelength** | 1310nm / 1550nm (Single-mode) |
| **Transmission Distance** | Up to 20km (Standard Single-mode) |
| **Power Supply** | 5V DC or 12V DC (Model dependent) |
---
### 2. Key Internal Electronic Components
The VOS2T-R-21R0 consists of several critical sub-assemblies that handle signal conversion:
#### A. Optical Sub-Assembly (OSA)
* **TOSA (Transmitter Optical Sub-Assembly):** Contains a **Laser Diode (LD)** that converts electrical video signals into light pulses.
* **ROSA (Receiver Optical Sub-Assembly):** Contains a **Photodiode (PIN or APD)** that detects incoming light and converts it back into an electrical current.
#### B. Digital Encoding/Decoding Chipset
* **A/D Converters (Analog-to-Digital):** Since most "VOS" systems handle analog CCTV signals (like CVBS, AHD, or TVI), the module uses high-speed ADC chips to digitize the video before transmission.
* **FPGA/CPLD:** Used for multiplexing multiple signals (Video + RS485 Data) into a single high-speed bitstream.
#### C. Signal Conditioning
* **Automatic Gain Control (AGC):** Ensures the video output remains at a constant level (1Vp-p) regardless of the fiber attenuation.
* **Re-clocking Circuits:** Reduces jitter in the digital data stream to ensure high-fidelity video reproduction at the receiving end.
---
### 3. Pinout and Connectivity (Typical)
The device usually utilizes a terminal block for "Return Data" or "Reverse Data" (The "R" in the part number often signifies Reverse Data for PTZ control).
```text
Terminal Block Configuration:
[ + ] --- DC Power Input
[ - ] --- Ground (GND)
[ A ] --- RS485 Data + (PTZ Control)
[ B ] --- RS485 Data - (PTZ Control)
```
---
### 4. Technical Advantages
* **Electromagnetic Immunity:** Because the signal travels via fiber, it is immune to lightning strikes and EMI/RFI interference.
* **Non-Compressed Transmission:** Most VOS modules use 8-bit or 10-bit digital non-compressed encoding to ensure zero latency and no loss of image quality.
* **Plug-and-Play:** These modules typically do not require software configuration; they use hardware-level handshaking.
---
- ⤷What is the difference between the 'T' and 'R' designations in this part number?
- ⤷ Can this module support 4K resolution or is it limited to 1080p?
- ⤷ How do I troubleshoot a 'No Video' signal on a VOS series module?