Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • VOS2T-R-21R1

  • AI
    The **VOS2T-R-21R1** is a specialized high-performance optocoupler (phototransistor output) typically manufactured by **Vishay Intertechnology**. It belongs to the VOS series, which is designed for high-density applications requiring a compact footprint. --- ### 1. General Specifications This device consists of an infrared emitting diode optically coupled to a phototransistor. Below are the primary technical characteristics: | Parameter | Specification | | :--- | :--- | | **Package Type** | SSOP-4 (Small Outline) | | **Output Type** | Phototransistor | | **Current Transfer Ratio (CTR)** | 100% to 200% | | **Isolation Voltage** | 3750 Vrms | | **Max Collector-Emitter Voltage ($V_{CEO}$)** | 80V | | **Forward Current ($I_F$)** | 50mA | | **Operating Temperature** | -55°C to +110°C | --- ### 2. Key Electronic Components & Internal Physics The VOS2T-R-21R1 functions through the interaction of two main semiconductor sections: #### A. The Input Stage (Infrared LED) * **Material:** Gallium Arsenide (GaAs). * **Function:** Converts electrical energy into light. When current flows through the LED, it emits infrared photons. * **Protection:** Since it's a diode, it requires a current-limiting resistor at the input to prevent burnout. #### B. The Output Stage (Phototransistor) * **Material:** Silicon NPN Phototransistor. * **Function:** The base of the transistor is light-sensitive. When photons from the input LED strike the base region, they generate electron-hole pairs, allowing current to flow from the Collector to the Emitter. * **Switching:** It acts as a switch or a linear amplifier depending on the input current. --- ### 3. Critical Performance Features 1. **High CTR (Current Transfer Ratio):** The "21R1" suffix indicates a specific CTR binning. This ensures that a small input current (e.g., 5mA) results in a predictable and sufficient output current (e.g., 5mA to 10mA). 2. **Galvanic Isolation:** The primary electronic benefit is the physical separation between the input circuit (low voltage/logic) and the output circuit (high voltage/noisy ground), preventing electrical interference or damage. 3. **Space Efficiency:** The SSOP-4 package is roughly 30% smaller than standard SOIC-4 packages, making it ideal for mobile chargers and compact power supplies. --- ### 4. Typical Circuit Application To use this part in a digital circuit, you would typically follow this wiring logic: ```c [Input Side] VCC (5V) --- [Resistor 470Ω] --- (Anode PIN 1) (Cathode PIN 2) --- GND [Output Side] VCC (12V) --- [Pull-up Resistor 10k] --- (Collector PIN 4) (Emitter PIN 3) --- GND ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the '21R1' suffix regarding CTR ranking?
    • ⤷ In what types of power supply designs is the VOS2T-R-21R1 most commonly used?
    • ⤷ How does the SSOP-4 package affect thermal management compared to a standard DIP-4?