VOS2T-R-31R1
AI

The **VOS2T-R-31R1** is a specialized electronic component typically associated with **Optical Fiber Transmitters** used in high-speed data communications and industrial automation. Specifically, this part number often refers to a fiber optic link component (frequently manufactured by brands like **Viking** or specialized high-reliability vendors).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The VOS2T-R-31R1 is designed for converting electrical signals into optical signals (Transmission) for data integrity over long distances without electromagnetic interference.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Optical Transmitter / Fiber Optic Link |
| **Data Rate** | Typically optimized for DC up to several MBd (MegaBaud) |
| **Wavelength** | Usually 650nm (Red Light) or 850nm (Infrared) |
| **Connector Interface** | ST Connector (Threaded) or specialized screw-on |
| **Operating Voltage** | Typically 3.3V or 5V DC |
---
### 2. Key Electronic Parts & Components
The internal architecture of the VOS2T-R-31R1 consists of three primary electronic stages:
#### A. Driver IC (Integrated Circuit)
The input pins receive a standard logic signal (TTL or CMOS). The driver IC converts these voltage levels into a specific current required to drive the LED/Laser source efficiently.
#### B. Light Source (LED/LD)
* **LED:** High-speed AlGaAs (Aluminum Gallium Arsenide) LED.
* **Function:** It converts electrical energy into photon energy.
* **Benefit:** High reliability and long lifespan compared to traditional lasers.
#### C. Passive Components
* **Decoupling Capacitors:** Used to filter noise from the power supply.
* **Biasing Resistors:** Set the current limit for the light source to prevent thermal runaway.
---
### 3. Pin Configuration (Typical)
While you should always consult the specific datasheet for your revision, the standard layout for this series is:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **Vcc** | Positive Power Supply (3.3V / 5V) |
| 2 | **GND** | Ground reference |
| 3 | **Data In** | Logic Level Input (Electrical signal) |
| 4 | **NC/Case** | No connection or Chassis Ground |
---
### 4. Common Applications
Due to its robust design, the VOS2T-R-31R1 is used in:
* **Industrial Control:** Communicating between PLCs in high-noise environments.
* **Medical Equipment:** Providing electrical isolation between the patient and the high-voltage machinery.
* **Energy Sector:** Data transmission in power substations where EMI (Electromagnetic Interference) is high.
---
### 5. Schematic Representation
The electronic logic flow can be summarized as:
```text
[Digital Signal] --> [Driver IC] --> [AlGaAs LED] --> [Fiber Interface (ST/SC)]
```
- ⤷
What is the maximum data rate supported by the VOS2T-R-31R1?
- ⤷ Is this component compatible with Multi-mode or Single-mode fiber?
- ⤷ What are the recommended operating temperature ranges for this part?