VP4-0047-R
AI

The **VP4-0047-R** is a high-performance, high-frequency power inductor manufactured by **Eaton (formerly Coiltronics/Bussmann)**. It belongs to the **VERSA-PAC** series, which is known for its versatility in multi-winding applications.
---
### 1. Key Technical Specifications
The "VP4" designation refers to the size/package (Size 4), and the "-R" indicates RoHS compliance.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Eaton (Coiltronics) |
| **Series** | VERSA-PAC (VP) |
| **Inductance Range** | 10.7 µH to 384 µH (Configurable) |
| **Current Rating (Peak)** | Up to 11.2 Amps (Parallel config) |
| **DC Resistance (DCR)** | ~0.021 Ω per winding |
| **Winding Count** | 6 independent windings |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Physical Construction and Pins
The VP4-0047-R is built using a **toroidal ferrite core** housed in a surface-mount (SMD) base.
* **Multi-Winding Design:** It contains six identical windings.
* **Flexibility:** Because the windings are separate, they can be connected in **series** or **parallel** to change the inductance and current-carrying capacity.
* **Isolation:** Each winding is tested for high-voltage isolation (typically 500VAC), making it suitable for flyback transformers or SEPIC converters.
---
### 3. Electrical Configurations
The primary advantage of this part is the ability to rewire it on the PCB to achieve different electrical characteristics:
#### A. Parallel Configuration
By connecting all six windings in parallel, you achieve:
* **Lowest Inductance:** High speed/frequency.
* **Highest Current:** The current capacity is the sum of all windings.
#### B. Series Configuration
By connecting the windings in a daisy-chain (end-to-start):
* **Highest Inductance:** Useful for smoothing or filtering.
* **Lowest Current:** Limited by the rating of a single wire.
---
### 4. Common Applications
The VP4-0047-R is used in power electronics where space and efficiency are critical:
1. **DC-DC Converters:** Buck, Boost, and SEPIC topologies.
2. **Flyback Transformers:** Multiple windings allow for multiple output voltage rails.
3. **EMI Filters:** Acting as a common-mode or differential-mode choke.
4. **Telecommunications:** Power supplies for networking hardware.
---
### 5. Part Number Breakdown
```text
VP 4 - 0047 - R
| | | |
| | | +-- RoHS Compliant
| | +---------- Base Inductance Value
| +----------------- Size / Power Rating (Size 4)
+--------------------- Series Name (VERSA-PAC)
```
- ⤷
How do you calculate the total inductance when connecting multiple windings of the VP4-0047-R in series?
- ⤷ What is the maximum saturation current for this specific model?
- ⤷ Can the VP4-0047-R be used as a 1:1 transformer for signal isolation?