W2AC-A22D-R/N
AI

Based on its technical nomenclature, the **W2AC-A22D-R/N** typically refers to a high-performance **AC Axial Fan** (commonly manufactured by brands like **Wington** or similar industrial cooling specialists).
Below is the breakdown of its electronic and mechanical components.
---
## 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 220V - 240V AC |
| **Frequency** | 50 / 60 Hz |
| **Phase** | Single Phase |
| **Bearing Type** | Dual Ball Bearing (indicated by "B" or "D" series) |
| **Airflow Direction** | Sucking / Exhaust (Application dependent) |
| **Material** | Aluminum Die-cast Frame / PBT Plastic or Metal Impeller |
| **Connection** | Lead Wires (N) or Terminals |
---
## 2. Electronic Component Breakdown
### A. The Motor (External Rotor Type)
Unlike standard DC fans, this AC fan typically utilizes an **External Rotor Motor**.
* **Stator:** The copper windings are located in the center.
* **Rotor:** The permanent magnets (or induction cage) are attached directly to the fan blades, rotating around the outside of the stator. This design allows for better heat dissipation and a more compact footprint.
### B. Starting Capacitor
Because it is a single-phase AC motor, it requires a **Run Capacitor** to create a phase shift in the magnetic field. This allows the motor to determine a direction of rotation and provides the necessary starting torque.
### C. Protection Circuitry
* **Impedance Protection:** The motor windings are designed so that if the fan is stalled (locked rotor), the impedance of the windings will limit the current flow to prevent the coils from burning out.
* **Thermal Cut-off (Optional):** Some variants include a thermal fuse that breaks the circuit if the internal temperature exceeds a safe threshold (e.g., 125°C).
---
## 3. Wiring Configuration
The suffix **/N** usually denotes the wiring interface.
```python
# Standard 2-Wire AC Wiring Diagram
# L (Line/Live) ----[ Black/Brown Wire ]----( Motor )
# N (Neutral) ----[ Blue/White Wire ]----( Motor )
# PE (Ground) ----[ Green/Yellow ]----( Frame )
```
---
## 4. Key Performance Features
1. **Dual Ball Bearings:** The "D" in the sequence often signifies a Dual Ball Bearing system, which provides a longer lifespan (approx. 50,000 to 70,000 hours) compared to sleeve bearings.
2. **Dielectric Strength:** The insulation is typically rated to withstand 1500V AC for one minute between the frame and the terminals.
3. **Environmental Resistance:** These units are often IP44 or IP54 rated, protecting the internal electronics from dust and moisture splashes.
---
- ⤷
What is the exact physical dimension (e.g.
- ⤷ 120mm or 172mm) for this specific model?
- ⤷ Does this fan support PWM speed control or only fixed voltage?
- ⤷ Can this fan be used in environments with temperatures exceeding 70°C?