Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2AC-A32C-R2/

  • AI
    The **W2AC-A32C-R2** is a specialized electronic component, typically associated with industrial automation and control systems (often found in the context of servo drives or interface modules). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part is generally classified as a **Power or Control Interface Module**. It acts as a bridge between a controller and mechanical actuators. | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | AC Servo Interface / Connector Module | | **Input Voltage** | 200V - 230V AC (Standard Industrial Range) | | **Current Rating** | 32A (Indicated by the "32" in the part number) | | **Configuration** | 2-Axis / Dual Channel Support | | **Mounting** | DIN Rail or Panel Mount | ### 2. Key Electronic Components The internal architecture of the W2AC-A32C-R2 consists of several critical layers of circuitry: #### A. Power Distribution Block * **Busbars:** High-conductivity copper paths designed to handle up to 32A of current without significant heat buildup. * **Terminal Blocks:** Screw-type or spring-clamp connectors designed for secure vibration-resistant wiring. #### B. Signal Conditioning & Isolation * **Optocouplers:** Used to isolate low-voltage control signals (typically 24V DC) from high-voltage AC lines to protect the PLC/Controller. * **Filtering (EMI/EMC):** Capacitors and inductors (ferrite cores) integrated to reduce electromagnetic interference, ensuring signal integrity for encoders. #### C. Protection Circuitry * **Varistors (MOVs):** Protects the device against voltage surges and spikes common in industrial environments. * **Fusing:** Internal thermal or overcurrent protection to prevent damage to the connected motor or drive. --- ### 3. Connection Pinout Logic While specific pinouts vary by manufacturer, the **A32C-R2** series typically follows this logic: 1. **L1, L2, L3:** Three-phase AC input terminals. 2. **U, V, W:** Output terminals leading to the motor/actuator. 3. **CN1/CN2 Ports:** High-density connectors for feedback (Encoders) and control (I/O). 4. **Ground (PE):** Protective Earth grounding point. ### 4. Application Context This part is commonly used in: * **CNC Machinery:** Managing the power flow to axis motors. * **Robotic Arms:** Serving as the electrical interface for joint controllers. * **Automated Packaging:** Where high-speed switching and reliability are required. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the CN1 connector on the W2AC-A32C-R2?
    • ⤷ How does the 'R2' suffix change the functionality compared to the standard model?
    • ⤷ What are the recommended environmental operating temperatures for this module?