Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2AC-A42A-R/Q

  • AI
    The **W2AC-A42A-R/Q** is a specific model identifier typically associated with **AC fans** (specifically axial fans) manufactured by brands like **WISTRO** or similar industrial cooling suppliers. These units are high-performance industrial fans used for cooling electric motors, heat exchangers, and electronics cabinets. Below is an explanation of the electronic and mechanical parts of this component. --- ### 1. Technical Specifications Overview These parts are designed for heavy-duty industrial environments, often featuring robust electrical insulation and thermal protection. | Parameter | Typical Value / Description | | :--- | :--- | | **Input Voltage** | 230V AC (Single Phase) | | **Frequency** | 50/60 Hz | | **Bearing Type** | Dual Ball Bearing (for long life) | | **Connection Type** | Terminal Box or Lead Wires (R/Q variants) | | **Material** | Die-cast aluminum housing / Plastic or Metal Impeller | | **Protection Class** | IP44 or IP54 (depending on sealing) | --- ### 2. Breakdown of Electronic & Internal Components #### A. The Induction Motor (External Rotor Design) Unlike standard household fans, these industrial units often use an **External Rotor Motor**. * **Stator:** The copper windings are located in the center. * **Rotor:** The outer shell (to which the fan blades are attached) rotates around the stator. This design is compact and provides excellent heat dissipation for the motor itself. #### B. The Capacitor (Run Capacitor) Because this is an AC single-phase motor, it requires a **Permanent Split Capacitor (PSC)** to create a phase shift in the windings to start and maintain rotation. * **Function:** It shifts the current in the "start" winding relative to the "run" winding to create a rotating magnetic field. * **Location:** In "R/Q" models, this is often housed within a protected terminal box on the side of the fan housing. #### C. Thermal Overload Protector (TOP) * **Function:** An internal bimetallic switch wired in series with the windings. * **Operation:** If the motor exceeds a specific temperature (e.g., 150°C) due to a blockage or high ambient heat, the circuit opens to prevent the copper windings from melting or catching fire. #### D. Connection Interface (R/Q Suffix Significance) The suffixes often denote the electrical termination style: * **Terminal Box:** A plastic or metal box where wires are screwed into terminals. * **Lead Wires:** Direct wire exits for integration into a wiring harness. --- ### 3. Wiring Diagram Logic Most W2AC series fans follow a standard 3-wire or 4-wire configuration: ```text L (Line/Live) ------> [ Main Winding ] -------| |------> N (Neutral) C (Capacitor) ------> [ Start Winding ] ------| PE (Earth) ------> [ Metal Housing ] ``` --- ### 4. Typical Applications * **Forced Ventilation:** Mounted on the back of large AC/DC motors to provide constant airflow regardless of the motor's speed. * **Control Cabinets:** Cooling high-density PLC and VFD (Variable Frequency Drive) racks. * **Heat Exchangers:** Moving air through radiators in industrial processes.
    ✨ Follow-up Questions
    • ⤷ What is the specific difference between the 'R' and 'Q' versions of this fan model?
    • ⤷ How do I test the run capacitor if the fan fails to start?
    • ⤷ Can this fan be used with a speed controller or VFD?