W2AC-ABCC-R
AI

The **W2AC-ABCC-R** is a specific part number typically associated with the **Schneider Electric (APC)** NetBotz environmental monitoring series. It specifically refers to an **A-Link to Sensor Pod Communications Cable** (often used for Rack Monitor 250 or NetBotz 750 systems).
---
### 1. Component Overview
This part is a specialized communication cable designed for high-interference industrial environments. It connects the main monitoring appliance to expansion sensor pods.
| Feature | Specification |
| :--- | :--- |
| **Connector A** | RJ-45 (A-Link Standard) |
| **Connector B** | RJ-45 (A-Link Standard) |
| **Cable Type** | Cat5e / Cat6 Shielded (STP) |
| **Application** | NetBotz A-Link Sensor Pods |
| **Length** | Usually 2 Meters (Standard Variant) |
---
### 2. Internal Electronic Characteristics
The cable is not a standard Ethernet patch lead; it is engineered to handle the **A-Link Protocol**, which has specific electronic requirements:
* **Differential Signaling:** Uses differential pairs to minimize EMI (Electromagnetic Interference) within server racks.
* **Power Delivery (PoE-like):** The cable carries low-voltage DC power from the base station to the remote sensor pods, eliminating the need for local power supplies at every sensor.
* **Shielding (STP):** Features an aluminum foil or braided shield to prevent data corruption from high-voltage power lines nearby.
* **Termination Impedance:** Designed to match the 100-ohm characteristic impedance required for the A-Link BUS topology.
---
### 3. Usage in Circuit Topology
In a NetBotz system, the W2AC-ABCC-R functions as the physical layer for a **Daisy-Chain Topology**.
```mermaid
graph LR
A[NetBotz Appliance] -- W2AC-ABCC-R --> B[Sensor Pod 1]
B -- W2AC-ABCC-R --> C[Sensor Pod 2]
C -- Termination --> D[End of Line]
```
### 4. Comparison: A-Link vs. Standard Ethernet
While the W2AC-ABCC-R uses an RJ-45 head, it is critical to distinguish it from standard networking:
| Parameter | W2AC-ABCC-R (A-Link) | Standard Ethernet (RJ-45) |
| :--- | :--- | :--- |
| **Voltage** | Often 12V - 24V DC | 48V (if PoE) / Data only |
| **Data Rate** | Low speed, high reliability | 10/100/1000 Mbps |
| **Wiring** | Straight-through shielded | Straight or Crossover |
| **Compatibility** | Proprietary Schneider/APC | Universal IEEE 802.3 |
---
- ⤷
Can this cable be replaced by a standard Cat5e patch cable?
- ⤷ What is the maximum distance supported by the W2AC-ABCC-R in a daisy chain?
- ⤷ How does the A-Link protocol handle power distribution to multiple sensors?