W2AP-333-R
AI

The **W2AP-333-R** is a specific electronic component, typically categorized as a **Terminal Block** or **PCB Connector**, often associated with manufacturers like *Weco* or similar industrial interface brands.
Below is a detailed breakdown of its electronic and mechanical parts.
---
### 1. General Specifications
The W2AP-333-R is designed for high-density wire-to-board connections.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Terminal Block / PCB Header |
| **Mounting Type** | Through-Hole (THT) or Right Angle |
| **Pitch** | Typically 3.5mm or 5.0mm (varies by sub-series) |
| **Current Rating** | Generally 8A - 12A |
| **Voltage Rating** | 150V - 300V AC |
| **Material** | Polyamide (PA66) / Brass (Tin-plated) |
---
### 2. Electronic & Mechanical Parts Breakdown
#### A. The Housing (Insulator)
* **Material:** Usually high-grade Polyamide (UL94V-0 rated).
* **Function:** Provides electrical isolation between adjacent pins and protects the internal contacts from environmental debris. It is designed to withstand soldering heat during the assembly process.
#### B. The Pin Header (Conductive Path)
* **Material:** Brass or Phosphor Bronze with Tin or Gold plating.
* **Function:** This is the primary conductive element. The pins are soldered into the PCB (Printed Circuit Board). The "R" in the part number often denotes a **Right Angle** orientation, meaning the pins are bent at 90 degrees to allow for side-entry cabling.
#### C. Locking/Latch Mechanism
* **Mechanism:** Most W2AP series parts feature a friction lock or a mechanical latch.
* **Function:** Ensures that the mating plug (the part attached to the wires) does not vibrate loose or disconnect accidentally.
---
### 3. Application Use Cases
Because of its compact footprint and reliable current handling, the W2AP-333-R is commonly found in:
1. **Industrial Controllers:** Used for PLC inputs and outputs.
2. **Power Supplies:** Serving as the output interface for DC power.
3. **Sensor Hubs:** Connecting multiple low-voltage sensors to a main processing board.
---
### 4. Part Number Suffix Logic
* **W2AP:** Series identifier (Plug-in header).
* **333:** Specific pin spacing and configuration code.
* **-R:** Usually signifies **Right Angle** orientation or **RoHS** compliance depending on the specific manufacturer's datasheet.
- ⤷
What is the exact pin pitch for the W2AP-333-R?
- ⤷ Is this component compatible with standard 2.54mm breadboards?
- ⤷ What is the maximum operating temperature for the W2AP-333-R housing?