W2AP-414-R2
AI

The **W2AP-414-R2** is a high-performance, enterprise-grade wireless access point module typically used in industrial or commercial networking environments. It is designed to provide robust Wi-Fi connectivity and is often integrated into larger hardware ecosystems.
---
### Core Electronic Specifications
Below is a breakdown of the key electronic components and performance metrics associated with this module:
| Component/Feature | Specification |
| :--- | :--- |
| **Wireless Standard** | IEEE 802.11a/b/g/n/ac (Wi-Fi 5) |
| **MIMO Configuration** | 2x2 or 4x4 MU-MIMO (depending on specific firmware config) |
| **Frequency Bands** | Dual-band (2.4 GHz and 5 GHz) |
| **Data Rate** | Up to 1.2 Gbps / 1.7 Gbps aggregate throughput |
| **Processor** | Highly integrated SoC (System on Chip) optimized for networking |
| **Interface** | Ethernet (PoE support), Serial/Console, and USB |
---
### Key Internal Components
1. **Radio Frequency (RF) Front End:**
* Contains high-power **Power Amplifiers (PA)** to extend signal range.
* Equipped with **Low Noise Amplifiers (LNA)** to improve the sensitivity of incoming signals from weak client devices.
2. **Power Management Unit (PMU):**
* Supports **Power over Ethernet (PoE)**, allowing the device to draw power and data through a single RJ45 cable.
* Includes voltage regulators to step down 48V PoE to 12V or 3.3V for internal circuitry.
3. **Antenna System:**
* Features multiple **U.FL or MMCX connectors** for external antenna attachments.
* Supports beamforming technology to focus signals toward specific users.
4. **Memory & Storage:**
* **DRAM:** High-speed RAM for handling concurrent user sessions and traffic buffering.
* **Flash Memory:** Stores the firmware (usually Linux-based/OpenWrt compatible).
---
### Physical and Electrical Characteristics
* **Operating Voltage:** Typically 12V DC input or 48V-56V via PoE (802.3at/af).
* **Operating Temperature:** Often rated for industrial ranges (-20°C to +70°C).
* **Form Factor:** Compact PCB design for integration into weather-proof enclosures or ceiling mounts.
---
- ⤷
Does the W2AP-414-R2 support the Wi-Fi 6 (802.11ax) standard?
- ⤷ What is the specific PoE power consumption for this module?
- ⤷ Can this module be used for outdoor mesh networking?