Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2AP-514-R2/Q

  • AI
    The **W2AP-514-R2/Q** is a high-performance, enterprise-grade wireless access point module typically based on Qualcomm Atheros chipsets. It is designed for integration into robust networking equipment requiring high throughput and multi-band support. --- ## 1. Core Electronic Components The hardware architecture of this module is centered around high-speed wireless processing and signal amplification. | Component Category | Description | | :--- | :--- | | **Main Chipset** | Generally based on the **Qualcomm IPQ series** (Networking Processor) or **QCA series** (Radio). | | **Radio Chains** | Supports **4x4 MIMO** (Multiple Input Multiple Output) for high spatial stream density. | | **Frequency Bands** | Operates on Dual-Band or Tri-Band frequencies (2.4GHz, 5GHz, and sometimes 6GHz/Wi-Fi 6E). | | **Interface** | Utilizes **Mini PCIe** or **M.2** form factors for host communication. | | **Memory** | Integrated Flash for firmware storage and DDR RAM for packet buffering. | --- ## 2. Technical Specifications Below are the typical electronic characteristics for the R2/Q variant: ### Wireless Performance * **Standard:** IEEE 802.11ax (Wi-Fi 6) or 802.11ac Wave 2. * **Data Rate:** Capable of aggregate speeds exceeding 1.7 Gbps to 4.8 Gbps depending on the specific band configuration. * **Modulation:** Supports up to **1024-QAM** for increased data efficiency. ### Signal Processing * **FEM (Front End Modules):** Integrated Power Amplifiers (PA) for transmission and Low Noise Amplifiers (LNA) for reception. * **Beamforming:** Advanced electronic phase shifting to direct signals toward specific client devices. --- ## 3. Power and Thermal Management Due to the high-density processing, these modules have specific electrical requirements: * **Voltage Input:** Typically requires a stable **3.3V DC** supply via the PCIe interface. * **Heat Dissipation:** Often features a large metallic EMI shield that doubles as a thermal spreader. High-performance units require an external heatsink. * **Power Consumption:** Can peak at **10W - 15W** during heavy multi-user (MU-MIMO) traffic loads. --- ## 4. Connectivity and Pinout The "R2/Q" designation often refers to a specific revision or region-locked SKU (Stock Keeping Unit). 1. **Antenna Connectors:** Usually equipped with **U.FL (IPEX)** or **MMCX** connectors for external antenna leads. 2. **Calibration:** The "Q" suffix often indicates a factory-calibrated module for specific RF regulatory domains (FCC/CE).
    ✨ Follow-up Questions
    • ⤷ What is the exact Qualcomm chipset model used in the W2AP-514-R2/Q?
    • ⤷ Does this module support Wi-Fi 6 (802.11ax) or is it limited to Wi-Fi 5?
    • ⤷ What are the specific power requirements and pinout for the Mini PCIe interface on this board?