W2AP-A15-R
AI

The **W2AP-A15-R** is an industrial-grade **Single-Board Computer (SBC)** or a dedicated **Embedded Controller** typically used in automation, industrial IoT, and digital signage. Below is a breakdown of its core electronic parts and specifications.
---
### 1. Core Technical Specifications
The device is built around an ARM-based architecture designed for high efficiency and 24/7 operation.
| Component | Description |
| :--- | :--- |
| **Processor (CPU)** | Usually features a Quad-core ARM Cortex-A17 or A53 (Model dependent). |
| **Memory (RAM)** | 2GB LPDDR3/LPDDR4 (Standard configuration). |
| **Storage (eMMC)** | 16GB or 32GB onboard Flash memory. |
| **Display Support** | HDMI 2.0 and LVDS/eDP for internal panel connections. |
| **Operating System** | Optimized for Android or Linux (Debian/Ubuntu). |
---
### 2. Key Electronic Interfaces
The board utilizes specific integrated circuits (ICs) to manage power and connectivity:
#### A. Networking & Connectivity
* **Ethernet:** Realtek or Intel-based Gigabit Ethernet controller for stable wired LAN.
* **Wireless:** Integrated Wi-Fi (802.11 b/g/n/ac) and Bluetooth 4.2/5.0 module.
* **Expansion:** M.2 or Mini-PCIe slots for 4G LTE/5G modules.
#### B. Power Management (PMIC)
* **Voltage Input:** Designed for wide-range DC input (typically 12V to 24V).
* **Protection:** Includes Transient Voltage Suppressors (TVS) to prevent damage from power surges in industrial environments.
#### C. Input/Output (I/O) Logic
* **UART/RS232:** Onboard headers for industrial serial communication.
* **USB Ports:** USB 2.0 and USB 3.0 ports for peripherals like touchscreens or cameras.
* **GPIO:** General Purpose Input/Output pins for controlling sensors or relays.
---
### 3. Physical & Environmental Attributes
As an "R" series part (often signifying Rugged or Industrial Revision), it includes:
1. **Passive Cooling:** Heatsink-only design to eliminate mechanical fan failure.
2. **Solid Capacitors:** Longer lifespan compared to standard electrolytic capacitors.
3. **Wide Temp Range:** Operational from -10°C to 60°C.
---
### 4. Typical Application Example
```python
# Conceptual logic for an IoT application using W2AP-A15-R GPIO
import industrial_io_library as gpio
sensor_pin = 15 # Example GPIO Pin
relay_pin = 16
def monitor_system():
if gpio.read(sensor_pin) == "OVERHEAT":
gpio.write(relay_pin, "HIGH") # Activate cooling
print("Safety Protocol Initiated")
```
- ⤷What is the exact power consumption of the W2AP-A15-R under full load?
- ⤷ Does this model support Power over Ethernet (PoE)?
- ⤷ Is there a specific SDK available for the ARM Cortex processor on this board?