Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2AP-A25-R

  • AI
    The **W2AP-A25-R** is a specific electronic component, typically categorized as a high-frequency, surface-mount (SMT) wire-wound inductor or a similar passive component depending on the manufacturer (commonly associated with brands like Taiyo Yuden or specialized RF component suppliers). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications This part is designed for high-reliability applications, often featuring a ceramic core to support high-frequency performance. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Wire-wound Chip Inductor / RF Inductor | | **Inductance** | Specified by the "25" code (often 25 nH or 2.5 µH depending on series) | | **Tolerance** | ±5% or ±10% (Common for RF series) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Size** | Compact (e.g., 0402 or 0603 equivalent metrics) | --- ### 2. Key Electronic Features The W2AP series is engineered for specific performance metrics in signal processing: * **High Q-Factor:** Designed to have low energy loss, which is critical for resonant circuits and filter applications. * **High Self-Resonant Frequency (SRF):** Allows the inductor to maintain its inductive properties at very high frequencies without becoming capacitive. * **Low DC Resistance (DCR):** Minimizes power dissipation and heat generation, ensuring efficiency in battery-operated devices. * **Wire-wound Construction:** Provides better performance and higher current carrying capacity compared to multilayer film inductors of the same size. --- ### 3. Application Use-Cases These parts are typically found in the following electronic circuits: 1. **RF Matching Networks:** Used to match impedance between antennas and power amplifiers. 2. **Bluetooth/Wi-Fi Modules:** Essential for signal filtering in 2.4GHz and 5GHz bands. 3. **VCOs (Voltage Controlled Oscillators):** Used in frequency generation circuits. 4. **Mobile Communication:** Integrated into cellular handsets for signal integrity. --- ### 4. Schematic Representation In a circuit diagram, the part is represented by the standard inductor symbol: ```text L1 (W2AP-A25-R) ----(uuuuuu)---- ``` --- ### 5. Part Number Breakdown (Typical) * **W2AP:** Series identifier (Wire-wound, High Q). * **A:** Internal characteristic code (often related to core material). * **25:** Value code (Inductance value). * **R:** Packaging code (usually signifies Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value of the 25 code in this series?
    • ⤷ How does a wire-wound inductor compare to a multilayer inductor in RF circuits?
    • ⤷ What are the soldering temperature requirements for the W2AP series?