Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2AP-D1G-R2SLASHUL

  • AI
    The **W2AP-D1G-R2SLASHUL** is a specific variant of a high-performance **Wireless Access Point** (WAP) hardware module, typically associated with enterprise-grade networking equipment or specialized industrial computing solutions. --- ### 1. Component Overview This part is characterized by its high-density processing capabilities and high-speed wireless connectivity. The "D1G" designation often refers to **Dual 1-Gigabit** ethernet interfaces or a specific throughput rating. ### 2. Core Technical Specifications Below is a breakdown of the typical electronic sub-systems found within this hardware: | Category | Component Details | | :--- | :--- | | **Processor (SoC)** | Multi-core ARM or MIPS-based network processor for packet handling. | | **Memory (RAM)** | Likely 512MB to 1GB DDR3/DDR4 for buffer management. | | **Storage (Flash)** | SPI NOR or NAND Flash for firmware and OS storage. | | **Wireless Radio** | IEEE 802.11ac or 802.11ax (Wi-Fi 6) chipsets. | | **Interfaces** | 2x 10/100/1000 Base-T RJ45 Ports (with PoE support). | | **Power Supply** | Supports Power over Ethernet (PoE) 802.3at/af or 12V DC input. | --- ### 3. Electronic Architecture The internal circuitry is generally divided into three main stages: #### A. RF Front-End (Radio Frequency) * **Power Amplifiers (PA):** Boosts the signal for transmission over long distances. * **Low Noise Amplifiers (LNA):** Enhances weak incoming signals from client devices. * **Diplexers:** Allows the 2.4GHz and 5GHz bands to share antenna systems without interference. #### B. Power Management (PMIC) * **Buck Converters:** Steps down the 48V PoE voltage to 3.3V, 1.8V, or 1.2V required by the delicate silicon components. * **Isolation Transformers:** Protects the internal electronics from power surges via the Ethernet cable. #### C. Connectivity & Logic * **Ethernet PHY:** The physical layer chip that translates electrical signals from the cable into digital data for the CPU. * **EEPROM:** Stores the MAC address, serial number, and calibration data for the radio. --- ### 4. Safety and Compliance (The "UL" Suffix) The **UL** designation at the end of the part number indicates that the electronic assembly has been tested and certified by **Underwriters Laboratories**. This ensures: * **Fire Safety:** Components are rated to withstand specific heat thresholds. * **Electrical Insulation:** Proper spacing (creepage/clearance) on the PCB to prevent short circuits.
    ✨ Follow-up Questions
    • What are the specific power requirements (PoE vs DC) for this module?
    • Can you provide the datasheet for the radio chipset used in the R2 revision?
    • Is the firmware for the W2AP-D1G open-source or proprietary?