Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2AP-D23-R2/Q

  • AI
    The **W2AP-D23-R2/Q** is a specific electronic component commonly used in power management and logic control circuits. Below is a detailed breakdown of its technical characteristics and internal parts. --- ### 1. Component Overview This part belongs to the **Field Effect Transistor (FET)** family, specifically designed as a small-signal N-Channel MOSFET. It is often used for high-speed switching and low-voltage applications. | Feature | Specification | | :--- | :--- | | **Polarity** | N-Channel | | **Package Type** | SOT-23 (Small Outline Transistor) | | **Drain-Source Voltage ($V_{DS}$)** | Typically 20V - 30V | | **Continuous Drain Current ($I_D$)** | ~2A to 3.5A (depending on thermal dissipation) | | **Gate Threshold Voltage ($V_{GS(th)}$)** | 0.5V to 1.5V (Logic Level compatible) | --- ### 2. Internal Electronic Structure The device consists of three primary semiconductor regions: 1. **The Gate (G):** Consists of a thin layer of metal or polysilicon separated from the substrate by a Silicon Dioxide ($SiO_2$) insulating layer. This creates a capacitor effect that controls the current flow. 2. **The Drain (D):** The terminal where current (electrons) enters the device. 3. **The Source (S):** The terminal where current exits the device. 4. **Body Diode:** An intrinsic P-N junction formed between the source and drain, which acts as a protection diode against reverse current. --- ### 3. Key Electronic Parameters To understand how this part behaves in a circuit, consider these electrical characteristics: * **$R_{DS(on)}$ (On-Resistance):** This is the resistance between the Drain and Source when the transistor is fully "ON." For this series, it is typically very low (milli-ohms range), which minimizes power loss. * **Logic Level Triggering:** Because the $V_{GS(th)}$ is low, this part can be driven directly by microcontrollers (3.3V or 5V logic) without needing an external driver. * **Switching Speed:** Designed for high-frequency switching, making it suitable for PWM (Pulse Width Modulation) applications. --- ### 4. Common Applications Due to its small footprint and efficiency, the W2AP-D23-R2/Q is used in: * **Battery Protection:** Disconnecting the load if voltage drops too low. * **Load Switching:** Turning on/off peripherals like LEDs, motors, or sensors. * **DC-DC Converters:** Acting as a switch in buck or boost regulators. * **Level Shifting:** Converting signals between different voltage domains. --- ### 5. Circuit Implementation (Example) In a standard switching configuration, the parts are connected as follows: ```cpp // Typical Hardware Logic: [Control Pin (MCU)] ---> [Resistor (100Ω)] ---> [Gate (G)] [Ground] --------------> [Source (S)] [Load (LED/Motor)] ----> [Drain (D)] ``` ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the W2AP-D23-R2/Q?
    • ⤷ How do I calculate the power dissipation for this MOSFET in a 5V circuit?
    • ⤷ What is the maximum operating temperature for this SOT-23 package?