W2AP-D35-R
AI

The **W2AP-D35-R** is an industrial-grade **Dual-Band Wi-Fi 6 (802.11ax) Wireless Access Point**. It is designed for high-density environments, offering robust connectivity and advanced networking features.
Below is a breakdown of its key electronic specifications and features.
---
### 1. Hardware Specifications
The device utilizes high-performance radio modules and processing units to handle multiple simultaneous connections.
| Feature | Specification |
| :--- | :--- |
| **Standard** | Wi-Fi 6 (IEEE 802.11ax) |
| **Frequency Bands** | 2.4 GHz & 5 GHz (Dual-Band) |
| **Max Throughput** | Up to 3000 Mbps (Combined) |
| **MIMO Technology** | 2x2 MU-MIMO |
| **Ethernet Ports** | 1x 10/100/1000 Base-T (RJ-45) |
| **Power Supply** | PoE (Power over Ethernet) 802.3at or DC 12V |
| **Antenna Type** | Internal High-Gain Omni-directional |
---
### 2. Core Electronic Components & Technologies
#### A. Wi-Fi 6 Chipset Capabilities
* **OFDMA (Orthogonal Frequency Division Multiple Access):** Allows the AP to serve multiple users simultaneously by dividing a single channel into smaller sub-channels, reducing latency.
* **1024-QAM:** Increases data encoding efficiency, allowing for a 25% increase in throughput compared to Wi-Fi 5 (256-QAM).
* **BSS Coloring:** Minimizes interference from neighboring networks by "coloring" the packets, allowing the device to ignore traffic from other sources on the same frequency.
#### B. Power Management
The device is primarily powered via **PoE (802.3at)**. This electronic setup allows both data and electricity to travel over a single Ethernet cable, simplifying installation in ceilings or remote locations. It also includes integrated surge protection to safeguard the internal circuitry from voltage spikes.
#### C. RF (Radio Frequency) Front-End
The W2AP-D35-R contains dedicated **Power Amplifiers (PA)** and **Low Noise Amplifiers (LNA)** for each band.
* The **PA** boosts the outgoing signal for better range.
* The **LNA** increases the sensitivity to weak signals returning from client devices (like smartphones).
---
### 3. Physical & Environmental Build
Designed for durability, the internal PCB (Printed Circuit Board) is housed in a heat-dissipating enclosure.
* **Heat Dissipation:** Uses internal heat sinks to maintain stable performance under heavy CPU load.
* **Security:** Supports **WPA3**, the latest encryption standard, which requires specialized hardware-level processing for simultaneous authentication of equals (SAE).
---
- ⤷
What are the specific power consumption requirements for the W2AP-D35-R?
- ⤷ Does this model support seamless roaming protocols like 802.11k/v/r?
- ⤷ How many concurrent client devices can this access point handle?