W2AP-G15-R
AI

The **W2AP-G15-R** is a specific variant of the **W2AP series** of industrial-grade Wireless Access Points, typically designed for automation, IoT, and embedded environments. It often utilizes the **802.11ac (Wi-Fi 5)** standard and is designed for high reliability in harsh environments.
### 1. Core Electronic Specifications
The internal architecture focuses on radio frequency (RF) stability and power management.
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Wireless Standard** | IEEE 802.11a/b/g/n/ac | Dual-band support (2.4GHz & 5GHz). |
| **CPU/Processor** | Enterprise-grade SoC | Usually a Qualcomm or MediaTek industrial chipset. |
| **Memory (RAM)** | 128MB - 256MB DDR3 | Handles traffic routing and security protocols. |
| **Storage (Flash)** | 16MB - 32MB SPI | Stores the firmware and configuration files. |
| **Antenna Interface** | RP-SMA Connectors | External connectors for high-gain antenna attachment. |
| **Ethernet Port** | 10/100/1000 Base-T | RJ45 port for wired backhaul. |
---
### 2. Power and Protection Circuits
Since this is an industrial part, the power management stage is more robust than consumer-grade routers.
* **PoE (Power over Ethernet):** Supports IEEE 802.3af/at standards, allowing the device to be powered through the data cable.
* **DC Input:** Often includes a wide-voltage terminal block (e.g., 9V to 48V DC) to accommodate industrial power rails.
* **Protection Circuits:**
* **ESD Protection:** Protects the Ethernet and RF ports from static discharge.
* **Surge Protection:** Built-in isolation to prevent damage from power spikes.
* **Reverse Polarity Protection:** Prevents damage if DC power leads are swapped.
---
### 3. Physical Layout & Design
The "R" in the suffix often denotes a specific mounting or ruggedization style (such as DIN-Rail or specific IP rating).
* **Enclosure:** Usually a metal (Aluminum) casing acting as a large heat sink for the internal SoC.
* **Thermal Management:** Industrial components are rated for high-temperature operations (often -40°C to +75°C).
* **LED Indicators:** Hardware status LEDs for Power, LAN, and Wireless Signal Strength (RSSI).
---
### 4. Implementation Example (System Block Diagram)
```mermaid
graph LR
A[DC/PoE Power Input] --> B[Voltage Regulator/PMU]
B --> C[Main SoC/CPU]
C --> D[2.4GHz Radio]
C --> E[5GHz Radio]
D --> F[Antenna Port 1]
E --> G[Antenna Port 2]
C --> H[Gigabit Ethernet PHY]
```
- ⤷
What are the specific mounting options for the W2AP-G15-R?
- ⤷ What is the maximum data throughput supported by this model?
- ⤷ Does this model support Mesh networking or Fast Roaming?