W2AP-G25-R
AI

The **W2AP-G25-R** is a high-performance, industrial-grade wireless access point module typically manufactured by companies like **SparkLAN**. It is designed for integration into embedded systems that require robust Wi-Fi connectivity.
---
### 1. Core Technical Specifications
The following table summarizes the primary electronic and RF characteristics of the W2AP-G25-R:
| Feature | Specification |
| :--- | :--- |
| **Chipset** | Qualcomm Atheros AR9344 (High-performance Wi-Fi SoC) |
| **Standard** | IEEE 802.11a/b/g/n |
| **Frequency Band** | 2.4 GHz and 5 GHz (Dual Band) |
| **MIMO Support** | 2x2 MIMO (Multiple Input, Multiple Output) |
| **Data Rate** | Up to 300 Mbps |
| **Interface** | Mini PCIe (Peripheral Component Interconnect Express) |
| **Antenna Connectors** | 2 x U.FL (I-PEX) connectors |
---
### 2. Key Electronic Components
The architecture of this module revolves around a few critical electronic sub-systems:
#### A. Main SoC (System on Chip)
At the heart of the module is the **Qualcomm Atheros AR9344**. This chip integrates:
* A 74K MIPS processor (typically running at 560MHz).
* A dual-band radio.
* Memory controllers (DDR1/DDR2).
* Ethernet MAC interfaces.
#### B. RF Front End
The module includes dedicated **Power Amplifiers (PA)** and **Low Noise Amplifiers (LNA)**. These components are essential for:
* **PA:** Increasing the transmission power to ensure long-range connectivity.
* **LNA:** Enhancing the sensitivity to pick up weak signals from distant clients.
#### C. Power Management
The W2AP-G25-R operates on a standard **3.3V DC** supply via the Mini PCIe pins. It includes onboard voltage regulators to convert this input into the lower voltages required by the SoC core and memory.
---
### 3. Physical Interface and Form Factor
The module utilizes the **Mini Card (Mini PCIe)** form factor, which is a standard in the industrial PC and networking equipment industry.
* **Pinout:** The 52-pin connector handles data transmission, power supply, and control signals (like Reset and Wake).
* **Thermal Management:** The module usually features a metallic shielding cover that acts as a heat spreader, protecting the internal components from EMI (Electromagnetic Interference) and assisting in thermal dissipation.
---
### 4. Application Areas
Due to its robust electronic design, the W2AP-G25-R is commonly found in:
1. **Industrial Routers:** Providing wireless backhaul for manufacturing plants.
2. **Outdoor Wireless Bridges:** Long-distance point-to-point links.
3. **Digital Signage:** High-bandwidth video streaming for remote displays.
4. **Medical Equipment:** Reliable, interference-resistant wireless communication.
- ⤷
What are the power consumption requirements for the W2AP-G25-R during peak transmission?
- ⤷ Does this module support OpenWrt or other third-party firmware?
- ⤷ What is the operating temperature range for this industrial-grade module?