Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2AP-G35-R2/N

  • AI
    The **W2AP-G35-R2/N** is a specific variant of an industrial-grade **Wireless Access Point (WAP)**, typically integrated into outdoor or ruggedized networking systems. Below is a breakdown of its electronic composition and technical specifications. --- ### 1. Core Technical Specifications This device is designed for high-density environments, utilizing advanced wireless standards and robust internal circuitry. | Feature | Specification | | :--- | :--- | | **Wireless Standard** | IEEE 802.11ax (Wi-Fi 6) | | **Frequency Bands** | Dual-band 2.4 GHz and 5 GHz | | **Data Rate** | Up to 1775 Mbps (Aggregate) | | **MIMO Support** | 2x2 MU-MIMO | | **Power Input** | PoE (Power over Ethernet) 802.3at | | **IP Rating** | IP67 (Waterproof/Dustproof) | --- ### 2. Key Electronic Components The internal architecture consists of several specialized subsystems: #### A. The Processor (SoC) At the heart is a **System-on-Chip (SoC)**, usually from manufacturers like Qualcomm or Broadcom. This chip handles: * Packet processing and routing. * Encryption/Decryption (WPA3). * Traffic management for multiple simultaneous users. #### B. Radio Frequency (RF) Front-End The "G35" designation often implies high-gain radio modules. * **Power Amplifiers (PA):** Boost the transmit signal to cover long distances. * **Low Noise Amplifiers (LNA):** Improve sensitivity to pick up weak signals from distant mobile devices. * **Internal Antennas:** High-gain directional or omni-directional arrays calibrated for the R2/N chassis. #### C. Power Management Circuitry Since the device is powered via **PoE (Power over Ethernet)**, it contains: * **PoE Controller:** Negotiates power with the switch (802.3af/at). * **DC-DC Converters:** Steps down the 48V-54V PoE voltage to lower voltages (1.2V, 3.3V, 5V) required by the logic chips. #### D. Physical Interface * **Ethernet Transformer:** Provides galvanic isolation and protects the internal electronics from static and surges on the LAN cable. * **Console Port:** Often hidden internally or via a weatherproof connector for low-level debugging. --- ### 3. Circuit Protection Given its industrial nature (signified by the "R2" revision and "N" suffix), the unit includes: 1. **Surge Protection:** TVS (Transient Voltage Suppressor) diodes to protect against lightning strikes or power spikes. 2. **Thermal Management:** Internal heat sinks coupled with a metal casing to dissipate heat in outdoor environments without fans. --- ### 4. Code Configuration (Example) Industrial APs like this often use CLI-based configurations for radio management. A typical interface configuration might look like this: ```bash # Example Wireless Radio 1 (5GHz) Configuration interface wireless g0 description "Backhaul_Link" mode access-point band 5ghz-ax channel-width 80mhz tx-power 23dbm security-profile wpa3-enterprise exit ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature range for the W2AP-G35-R2/N?
    • ⤷ Does this model support external antenna connectors or only internal ones?
    • ⤷ How does the 'N' suffix differentiate this model from the standard R2 version?