Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2CA-124-R2

  • AI
    The **W2CA-124-R2** is a specific model within the series of **Safety Relay Units** manufactured by **Omron**. These devices are critical components in industrial automation, designed to monitor safety circuits and ensure that machinery returns to a safe state in the event of a fault or emergency. --- ### 1. Key Technical Specifications The model name provides specific details about its configuration and electrical ratings: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Omron | | **Control Voltage** | 24V AC/DC (Standard for industrial control panels) | | **Relay Configuration** | Typically DPST-NO (Double Pole Single Throw) or specialized safety sets | | **Response Time** | Fast-acting (usually < 20ms to 50ms) for emergency stops | | **Mounting Type** | DIN Rail or Surface Mount | | **Application** | Emergency stop monitoring, door interlocks, and light curtains | --- ### 2. Core Electronic Components The internal architecture of the W2CA-124-R2 consists of several critical electronic sub-systems: #### A. Forced-Guided Contact Relays Unlike standard relays, these use "forcibly guided" (mechanically linked) contacts. * **Safety Function:** If a "normally open" (NO) contact welds shut, the "normally closed" (NC) contact is mechanically prevented from closing. This allows the system to detect a failure and prevent a restart. #### B. Redundancy Circuits The unit features dual-channel monitoring. It processes signals from two independent sources (like a dual-channel E-stop button). If one channel fails or shows a discrepancy, the relay will not allow the machine to start. #### C. Feedback Loop Logic The "R2" designation often relates to the feedback or reset functionality. * **Manual/Auto Reset:** It contains internal logic gates (typically hardware-based) that require a specific sequence of signals (a "reset" pulse) before the output contacts can close again after a trip. #### D. Surge Protection & Filtering Because these operate in noisy industrial environments, the internal PCB includes: * **Varistors (MOVs):** To protect against voltage spikes from inductive loads. * **Smoothing Capacitors:** To ensure stable 24V operation despite minor fluctuations in the power supply. --- ### 3. Wiring and Integration Example The W2CA-124-R2 acts as the "brain" between the input (E-Stop) and the output (Motor Contactor). ```mermaid graph LR A[Emergency Stop] --> B[W2CA-124-R2] B --> C[Main Power Contactor] B -.-> D[Feedback Loop/PLC] ``` ### 4. Safety Standards The electronics are designed to meet high-level safety categories: * **SIL (Safety Integrity Level):** Usually rated for SIL 3. * **PL (Performance Level):** Often rated for PLe / Category 4 under ISO 13849-1.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the W2CA-124-R2?
    • ⤷ How does a forced-guided contact differ from a standard power relay?
    • ⤷ What is the difference between the R2 and other sub-models in this series?