Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2CA-141-R2SLASHCE

  • AI
    The **W2CA-141-R2/CE** is a specialized power supply component, typically categorized as a **Switching Power Supply** or an **AC/DC Power Adapter**, often used in industrial automation, telecommunications, or medical equipment. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications This device is designed to convert high-voltage alternating current (AC) into stabilized low-voltage direct current (DC). | Parameter | Typical Value / Description | | :--- | :--- | | **Input Voltage** | 100V - 240V AC (Universal Range) | | **Output Voltage** | 14V - 15V DC (Model dependent configuration) | | **Output Current** | Approx. 1A - 2A (Based on wattage) | | **Mounting Type** | External Desktop or Internal Module | | **Certifications** | CE, RoHS, UL | | **Connector Type** | Barrel Jack (usually 5.5mm x 2.1mm) or Flying Leads | --- ### 2. Key Electronic Components The internal architecture of the W2CA series generally includes the following stages: * **Input Filter (EMI/RFI):** Uses capacitors and inductors to prevent noise from entering the power line and to protect the internal circuits from surges. * **Bridge Rectifier:** A set of four diodes that convert the AC input into a pulsating DC signal. * **Switching MOSFET:** The "heart" of the device that toggles at high frequencies (typically 50kHz - 100kHz) to increase efficiency and reduce the size of the transformer. * **High-Frequency Transformer:** Provides galvanic isolation between the high-voltage input and low-voltage output. * **PWM Controller IC:** Regulates the pulse width to maintain a constant output voltage regardless of load fluctuations. * **Output Rectifier & Filter:** Uses Schottky diodes and electrolytic capacitors to smooth out the high-frequency pulses into clean DC. --- ### 3. Meaning of the Part Number Suffixes The alphanumeric code provides specific details about the manufacturing standards: 1. **-R2:** Usually denotes a **Revision 2** hardware design, indicating improvements in thermal management or efficiency over the original version. 2. **SLASHCE (/CE):** Confirms that the part meets **Conformité Européenne** standards. This ensures the part complies with European safety, health, and environmental protection requirements (including EMC - Electromagnetic Compatibility). --- ### 4. Applications * **Industrial Control:** Powering PLC modules or sensors. * **Networking:** Providing power to small switches or routers. * **LED Lighting:** Constant voltage source for LED strips. * **Laboratory Equipment:** Stable power for measurement tools.
    ✨ Follow-up Questions
    • What are the exact pinout configurations for the W2CA-141-R2 connector?
    • How does the efficiency of this model compare to previous revisions?
    • Are there specific mounting brackets required for this power supply in an industrial rack?