Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2CA-5B3-R2/N

  • AI
    The **W2CA-5B3-R2/N** is a specific model within the category of **Current Transducers (Current-to-Voltage/Current Transmitters)**, typically manufactured by companies like **M-System (MG CO., LTD.)**. These components are essential in industrial automation for signal conditioning and monitoring. --- ### 1. Technical Specifications The model string identifies specific electrical characteristics. Below is a breakdown of what these parts typically represent in this series: | Parameter | Specification | | :--- | :--- | | **Primary Function** | AC Current Transmitter (Current Transducer) | | **Input Type** | AC Current (Usually 0–5A AC from a CT) | | **Input Range (5B)** | 0 – 5A AC | | **Output Type (3)** | 0 – 1V DC | | **Power Input (R2)** | 11 – 27V DC | | **Accuracy** | ±0.3% to ±0.5% | | **Response Time** | ≤ 0.5 seconds | | **Isolation** | Input to output to power (3-way isolation) | --- ### 2. Key Electronic Components & Internal Logic This device acts as a bridge between high-current power lines and sensitive control systems (like PLCs). Its internal electronics consist of three main stages: #### A. Input Stage (Sensing) * **Current Transformer (Internal):** The 5A AC input is stepped down and isolated using an internal precision transformer. * **Rectification & Filtering:** The AC signal is converted into a proportional DC voltage via a bridge rectifier and smoothing capacitors. #### B. Signal Conditioning Stage * **Operational Amplifiers (Op-Amps):** These scale the rectified DC voltage to the desired output range (0–1V). * **Calibration Potentiometers:** Small "Zero" and "Span" adjustments are available on the front panel to fine-tune the output signal. #### C. Isolation & Output Stage * **Optical/Galvanic Isolation:** To protect the PLC or SCADA system from high-voltage surges, the signal is passed through an isolator. * **Driver Circuit:** Ensures the output signal (0-1V) remains stable even with varying load resistance. --- ### 3. Application Use Cases * **Motor Monitoring:** Detecting if a motor is overloaded by measuring the current draw. * **Energy Management:** Sending current data to a data logger to calculate power consumption. * **System Protection:** Interfacing with a controller to shut down equipment if current exceeds a threshold. --- ### 4. Wiring Diagram Overview While you should always consult the specific datasheet for your unit, the standard pinout for this 8-pin plug-in base typically follows: 1. **Pin 1 & 8:** Output (+ / -) 2. **Pin 4 & 5:** Input (AC Current from CT) 3. **Pin 2 & 7:** Power Supply (DC) ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R2 and R power supply options for this series?
    • ⤷ Can this transducer be used directly with a 100A line without an external CT?
    • ⤷ How do I calibrate the 'Zero' and 'Span' settings on the W2CA?