W2CE-124-R
AI

## Electronic Specifications and Details for W2CE-124-R
The **W2CE-124-R** is a specific part number typically associated with **industrial Ethernet connectors** or **RJ45 communication modules**, often used in PLC systems (like those from Omron or similar industrial automation brands) or high-durability networking equipment.
Below is a breakdown of its technical composition and electronic characteristics.
---
### 1. General Specifications
This component is designed for high-speed data transmission in environments that require electromagnetic interference (EMI) shielding.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RJ45 Modular Jack / Ethernet Connector |
| **Port Configuration** | Single Port (1x1) |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Orientation** | Right Angle / Side Entry |
| **Shielding** | Fully Shielded (Metal Shell) |
| **Termination** | Solder |
---
### 2. Electrical Characteristics
The electronic performance is optimized for Category 5 (Cat5) or Category 6 (Cat6) standards depending on the specific revision, ensuring signal integrity.
* **Contact Resistance:** Typically 20mΩ Max. This ensures minimal signal loss at the connection point.
* **Insulation Resistance:** 500MΩ Min @ 500V DC. Prevents current leakage between the pins.
* **Current Rating:** 1.5 Amps per contact.
* **Voltage Rating:** 125V AC RMS.
* **Dielectric Withstanding Voltage:** 1000V AC for 1 minute (ensures the component can handle minor surges without arcing).
---
### 3. Material Composition
The longevity of the W2CE-124-R is determined by its physical materials:
* **Housing:** High-temperature Thermoplastic (UL 94V-0 rated).
* **Contacts:** Phosphor Bronze base.
* **Plating:** Gold plating on the contact area (usually 30μ" or 50μ") to prevent oxidation, with Tin plating on the solder tails.
* **Shield:** Copper alloy with Nickel plating for EMI/RFI protection.
---
### 4. Pinout Configuration
Standard 8P8C (8 Positions, 8 Contacts) layout for Ethernet:
| Pin Number | Signal (T568B) | Function |
| :--- | :--- | :--- |
| 1 | Transmit + | Data Out |
| 2 | Transmit - | Data Out |
| 3 | Receive + | Data In |
| 6 | Receive - | Data In |
| 4, 5, 7, 8 | Reserved/PoE | DC Power / Ground |
---
### 5. Key Features for Engineers
* **LED Integration:** Many versions of the W2CE series include integrated Green/Yellow LEDs to indicate link status and activity directly on the port.
* **EMI Tabs:** The metal shell usually features "fingers" or tabs to ensure a solid ground connection to the chassis.
* **Mechanical Durability:** Rated for at least 750 mating cycles.
- ⤷
What is the specific footprint or PCB layout dimension for the W2CE-124-R?
- ⤷ Does this model support Power over Ethernet (PoE) applications?
- ⤷ Are there alternative part numbers with integrated magnetics for this series?