W2CE-142-R2/N
AI

The **W2CE-142-R2/N** is a specialized electronic component typically used in industrial automation, specifically within the realm of logic control and interface modules.
### Component Overview
This part number refers to a **Logic Plug-in Module** often associated with specific programmable controllers or interface systems. Below is a breakdown of its technical characteristics:
| Attribute | Specification |
| :--- | :--- |
| **Component Type** | Logic / Interface Plug-in Module |
| **Mounting Style** | Plug-in / Socket mounted |
| **Primary Function** | Signal conditioning / Logic switching |
| **Material/Plating** | Tin (indicated by N suffix in some contexts) |
| **Series** | W2CE |
---
### Key Electronic Parts & Features
#### 1. Pin Configuration and Interface
The module is designed with a specific pinout (the "142" designation often refers to the pin layout or internal configuration code) to ensure it can only be inserted into a matching base or socket. This prevents electrical damage from incorrect installation.
#### 2. Switching Logic
The "R2" suffix typically denotes the revision or a specific relay/switching configuration. Inside the housing, it contains:
* **Electromechanical or Solid State switching elements:** Designed to handle low-power control signals.
* **Contact Materials:** Often made of silver-cadmium oxide or similar alloys to prevent "sticking" during high-frequency switching.
#### 3. Passive Protection Components
To ensure durability in industrial environments, these modules often contain:
* **Suppressor Diodes:** To handle back-EMF when switching inductive loads.
* **Resistor Networks:** For current limiting and signal stabilization.
#### 4. The "N" Suffix
In modern manufacturing, the **"N"** suffix usually indicates:
* **Nickel/Tin plating** on the contact points.
* **Non-RoHS or Specific Lead-free compliance** (depending on the manufacturer's internal naming convention).
---
### Common Applications
* **PLC I/O Isolation:** Used to isolate sensitive PLC outputs from noisy field devices.
* **Signal Conversion:** Converting a low-level logic signal into a higher voltage/current signal.
* **Safety Interlocks:** Used as a replaceable logic element in industrial safety circuits.
- ⤷
What is the input voltage rating for the W2CE series modules?
- ⤷ Is there a specific base or socket required for mounting the W2CE-142-R2/N?
- ⤷ Can this module be used for high-frequency switching applications?