AI

The **W2CE-142-R2/UL** is a specialized electronic component, specifically a **high-current wire-to-board power connector** or terminal block assembly, commonly used in industrial power distribution and HVAC systems. It is part of the W2CE series, known for its "screw-less" or high-reliability clamping mechanism.
---
### 🛠️ Technical Specifications
Below is a breakdown of the typical electronic and mechanical characteristics for this part:
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | Up to 115A (Depending on wire gauge) |
| **Voltage Rating** | 600V AC/DC |
| **Connection Type** | Screw Terminal / Pressure Plate |
| **Wire Range** | 2 AWG to 14 AWG |
| **Material (Housing)** | Polyamide (UL 94V-0 Rated) |
| **Contact Material** | Copper Alloy (Tin Plated) |
| **Compliance** | UL Recognized (E-file), RoHS |
---
### 🔍 Key Features
1. **UL Certification:** The `/UL` suffix indicates that the part is strictly tested and recognized by Underwriters Laboratories for safety standards in North America, particularly for high-power applications.
2. **R2 Revision:** The "R2" denotes a specific revision or physical configuration (often related to the footprint or the height of the terminal block).
3. **Pressure Plate Design:** Unlike standard hobbyist connectors, these use heavy-duty pressure plates to ensure maximum surface contact with the wire, preventing arcing in high-amperage scenarios.
4. **Modular Construction:** The W2CE series is often modular, allowing for multi-pole configurations while maintaining high dielectric strength between poles.
---
### 🔌 Common Applications
Because of its high current handling capacity, you will find this component in:
* **Industrial Control Panels:** Linking external power feeds to internal DIN-rail components.
* **HVAC Systems:** Powering compressors and large blower motors.
* **Power Supplies:** Serving as the primary output terminal for high-wattage AC/DC converters.
* **EV Charging Stations:** Used in the internal power distribution modules.
---
### 💻 PCB Footprint Example
If you are integrating this into a PCB design, the footprint typically requires large, through-hole plated pads to handle the heat and current.
```cpp
// Typical PCB Layout Considerations for W2CE Series
struct ConnectorPad {
float hole_diameter = 4.5; // mm (Large for heavy gauge pins)
float pad_diameter = 7.0; // mm
int copper_weight = 3; // oz (Heavy copper required for 100A+)
bool thermal_relief = false; // Direct connect often preferred for power
};
```
- ⤷What is the exact pitch spacing between the pins for the W2CE-142-R2?
- ⤷ Can this connector be used with stranded wire without ferrules?
- ⤷ What are the torque requirements for the terminal screws?