W2CE-513-R
AI

The **W2CE-513-R** is a specific electronic component belonging to the **W2CE series** of modular jacks, commonly manufactured by companies like **Amphenol** or **FCI**. It is an **RJ45 Integrated Connector Module (ICM)**, often referred to as a "MagJack."
---
### 1. Key Technical Specifications
The W2CE-513-R is designed to provide physical connectivity and electromagnetic interference (EMI) protection for Ethernet interfaces.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C) |
| **Data Rate** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Orientation** | Right Angle (Horizontal) |
| **Mounting Type** | Through-Hole (THT) |
| **Number of Ports** | 1x1 (Single Port) |
| **Shielding** | Metal Shield with EMI Tabs |
| **LED Configuration** | Typically Green/Yellow (Bi-color) |
---
### 2. Internal Electronic Components
Unlike a standard plastic RJ45 jack, the "R" suffix and "ICM" classification mean it contains internal circuitry:
* **Isolation Transformers:** Protects the PHY (Physical Layer) chip from voltage surges and DC offsets.
* **Common Mode Chokes:** Filters out high-frequency noise and electromagnetic interference to ensure signal integrity.
* **Bob Smith Termination:** Internal resistors and high-voltage capacitors used to terminate unused wire pairs and reduce EMI.
* **LEDs:** Integrated light-emitting diodes for status (Link/Activity) and speed indication.
---
### 3. Physical Layout and Pinout
The part is structured to minimize board space while providing robust mechanical stability.
1. **Contact Interface:** Gold plating on the contact area to prevent corrosion and ensure a low-resistance connection.
2. **Shielding Pins:** Grounding tabs that connect the metal shield to the chassis ground of the PCB.
3. **Signal Pins:** Located at the rear of the component for soldering into the motherboard/PCB.
---
### 4. Typical Applications
* **Networking Gear:** Routers, switches, and hubs.
* **Industrial PC:** Embedded systems requiring stable Gigabit Ethernet.
* **Consumer Electronics:** Game consoles, smart TVs, and set-top boxes.
---
- ⤷
What is the difference between the W2CE-513-R and a standard non-integrated RJ45 jack?
- ⤷ Can you provide the pinout diagram for this specific connector?
- ⤷ What are the recommended soldering temperature profiles for this component?