Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2CE-513-R2/UL

  • AI
    The **W2CE-513-R2/UL** is a specialized electrical component, typically categorized as a **Terminal Block Connector** or a specific type of **Power Distribution Terminal**. It is widely used in industrial control panels and automation systems to manage high-density wiring and power routing. Below is a breakdown of its technical and electronic specifications. --- ### 1. Key Technical Specifications The "UL" suffix indicates that the part is recognized by Underwriters Laboratories, ensuring it meets strict safety standards for North American industrial use. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Terminal Block / Interface Module | | **Current Rating** | Generally 10A to 15A (Dependent on wire gauge) | | **Voltage Rating** | 250V - 300V AC/DC | | **Mounting Type** | DIN Rail (TS-35) or Panel Mount | | **Termination Method** | Screw Clamp / Spring Clamp | | **Approvals** | UL Recognized, CE, RoHS | --- ### 2. Physical Construction The electronic and mechanical integrity of the W2CE-513-R2/UL relies on high-quality materials to prevent arcing and overheating. * **Housing Material:** Polyamide (PA66) or equivalent flame-retardant plastic (UL94V-0 rated). * **Conductive Elements:** High-grade copper alloy with tin or nickel plating to prevent oxidation and ensure low contact resistance. * **Clamping Mechanism:** Steel alloy screws or stainless steel springs to maintain constant pressure on the conductor. --- ### 3. Electronic Functions The "513" series often refers to specific pin configurations or internal bridge layouts. 1. **High-Density Wiring:** It allows multiple circuits to be terminated in a compact space without the risk of short-circuiting. 2. **Circuit Protection:** Many units in this series support the integration of jumpers or bridges to distribute common signals (like Ground or VCC) across multiple points. 3. **Vibration Resistance:** Designed for industrial environments where machinery vibration might otherwise loosen standard electrical connections. --- ### 4. Typical Applications * **PLC I/O Wiring:** Connecting Programmable Logic Controller outputs to field devices. * **Power Distribution:** Splitting a single power source into multiple branch circuits within a control cabinet. * **Sensor Integration:** Serving as a central hub for multiple 2-wire or 3-wire sensors. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum wire gauge supported by the W2CE-513-R2/UL?
    • ⤷ Does this model support internal fusing for circuit protection?
    • ⤷ Are there specific accessories like end-plates or jumpers required for this unit?