Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2CE-514-R2SLASHQ

  • AI
    Based on the part number provided, **W2CE-514-R2/Q** typically refers to a high-performance **Fiber Optic Transceiver** module, often utilized in networking and telecommunications equipment. Specifically, this part is part of the **W2CE series** (likely associated with manufacturers like Source Photonics or similar optical component specialists). ### 1. Component Specification Overview | Feature | Description | | :--- | :--- | | **Component Type** | Fiber Optic Transceiver Module | | **Form Factor** | SFP (Small Form-factor Pluggable) or SFP+ | | **Data Rate** | Typically supports Gigabit Ethernet or Fibre Channel speeds | | **Wavelength** | Usually 1310nm or 1550nm (Standard SMF) | | **Interface** | LC Duplex Connector | | **Reach/Distance** | Often rated for 10km to 40km depending on specific R2 sub-grading | --- ### 2. Breakdown of the Part Number The alphanumeric string can be broken down into functional blocks: * **W2CE**: The series prefix, designating the physical architecture and the internal laser driver/receiver chipset. * **514**: These digits usually specify the specific optical characteristics, such as the operating wavelength and transmission power levels. * **R2**: This often denotes a specific **Revision** or a **Reach** category. In many optical parts, "R" can indicate "Receiver Sensitivity" levels or specific distance ratings (e.g., 20km). * **Q**: This suffix typically indicates **Industrial Temperature Grade** or specific **Quality/Compliance** certifications (such as lead-free/RoHS or extended temperature range testing). --- ### 3. Internal Electronic Sub-systems The module contains three primary electronic sections: 1. **Transmitter Path:** * **Laser Diode (LD):** Converts electrical signals into light. * **Laser Driver:** An Integrated Circuit (IC) that provides the bias and modulation current to the laser. 2. **Receiver Path:** * **PIN Photodiode:** Detects incoming light and converts it to a photocurrent. * **TIA (Transimpedance Amplifier):** Converts the low-level current from the photodiode into a usable voltage signal. * **Limiting Amplifier:** Restores the signal to standard logic levels. 3. **Control Logic (DDM/DOM):** * An onboard EEPROM/Microcontroller that monitors temperature, supply voltage, and laser power in real-time (Digital Diagnostics Monitoring). --- ### 4. Typical Applications * **Data Centers:** High-speed interconnects between switches and servers. * **Telecommunications:** Long-haul fiber optic links. * **Enterprise Networking:** Connecting core switches across different buildings (Campus networks).
    ✨ Follow-up Questions
    • ⤷What is the maximum transmission distance for the R2 variant?
    • ⤷ Does this module support Digital Diagnostics Monitoring (DDM)?
    • ⤷ Which specific manufacturer produces the W2CE-514 series?