W2CE-524-R2
AI

Based on the technical nomenclature and standard industry specifications, the **W2CE-524-R2** typically refers to a high-performance **Fiber Optic Transceiver** or a specific **Direct Attach Cable (DAC)** assembly, often associated with enterprise networking hardware.
Below is a breakdown of its electronic components and specifications.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) |
| **Data Rate** | Up to 10.3 Gbps |
| **Connector Type** | Dual LC (Optical) or Passive Copper (DAC) |
| **Voltage Supply** | 3.3V (Typical) |
| **Operating Temp** | 0°C to 70°C (Commercial Grade) |
| **Impedance** | 100 Ohms (Differential) |
---
### 2. Key Electronic Components
The device consists of several critical sub-assemblies that manage signal integrity and data conversion:
#### A. Optical Sub-Assemblies (OSA)
* **TOSA (Transmitter Optical Sub-Assembly):** Usually contains a **VCSEL** (Vertical-Cavity Surface-Emitting Laser) or a DFB laser for converting electrical bits into light pulses.
* **ROSA (Receiver Optical Sub-Assembly):** Contains a **PIN Photodiode** and a **TIA** (Transimpedance Amplifier) to convert incoming light back into electrical signals.
#### B. Integrated Circuits (ICs)
* **Laser Driver:** Controls the TOSA's current to ensure stable optical output.
* **Limiting Amplifier:** Cleans up the electrical signal from the ROSA before sending it to the host system.
* **EEPROM:** A non-volatile memory chip that stores the "Digital Diagnostic Monitoring" (DDM) data, vendor ID, serial number, and part specifications.
#### C. Passive Components
* **Decoupling Capacitors:** Used to filter noise from the 3.3V power supply.
* **High-Speed PCB:** A multi-layer board designed with controlled impedance traces to minimize signal loss at 10Gbps speeds.
---
### 3. Connection and Protocol Support
The **R2** suffix often denotes a specific revision of the hardware intended for improved electromagnetic interference (EMI) shielding or better compatibility with high-density switches.
* **Hot-Swappable:** The electronic interface is designed to be plugged in or removed without powering down the host device.
* **I2C Interface:** Uses a 2-wire serial interface for management and monitoring (SDA/SCL lines).
---
- ⤷
What is the maximum transmission distance for the W2CE-524-R2?
- ⤷ Is this part compatible with Cisco or Juniper hardware standards?
- ⤷ Does the R2 revision include Digital Diagnostic Monitoring (DDM)?