W2CE-524-R2/N
AI

The **W2CE-524-R2/N** is a specialized high-performance industrial cooling fan, typically manufactured by **Wibond** or similar industrial thermal solution providers. This model is a cross-flow (tangential) fan assembly designed for uniform airflow across wide areas.
---
## 1. Technical Specifications
Below are the primary electronic and mechanical characteristics of the W2CE-524-R2/N:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Cross-Flow (Tangential) Fan |
| **Voltage** | 220V - 240V AC |
| **Frequency** | 50/60 Hz |
| **Input Power** | ~30W - 45W (Varies by load) |
| **Bearing Type** | Dual Ball Bearing (R2 designation) |
| **Housing Material** | Aluminum Alloy / Galvanized Steel |
| **Impeller Material** | Aluminum |
| **Insulation Class** | Class B or F (High temperature resistant) |
---
## 2. Key Electronic Components
### A. AC Shaded-Pole or Capacitor-Run Motor
* **Winding:** The motor uses high-density copper windings treated with varnish for moisture and vibration resistance.
* **N-Suffix:** The "/N" typically denotes a "Normal" or "New" revision focusing on noise reduction or specific connector pinouts.
* **Protection:** Integrated thermal protector (auto-reset) to prevent motor burnout in case of an impeller stall.
### B. Bearing System (R2)
* The **R2** in the part number usually signifies a specific bearing configuration, most commonly a reinforced **dual ball bearing** system.
* **Benefit:** These are designed for continuous 24/7 operation and provide a significantly longer MTBF (Mean Time Between Failures) compared to sleeve bearings, especially in high-temperature environments.
### C. Connection Interface
* **Terminals:** Usually features fast-on terminals or a lead-wire configuration for easy integration into industrial control panels.
* **Grounding:** Includes a dedicated grounding point on the aluminum frame to prevent ESD (Electrostatic Discharge) buildup.
---
## 3. Applications
Due to its electronic stability and linear airflow pattern, the W2CE-524-R2/N is used in:
1. **Server Racks:** For uniform cooling across multiple blade servers.
2. **Elevator Air Curtains:** To provide a thin, wide stream of air.
3. **HVAC Equipment:** Used in fan coil units or floor heaters.
4. **Laboratory Equipment:** For maintaining stable temperatures in incubators.
---
## 4. Maintenance & Safety
* **Voltage Sensitivity:** Ensure the supply voltage does not fluctuate beyond ±10%, as AC motors in these fans can overheat if undervolted.
* **Cleaning:** The aluminum impellers should be kept free of dust to maintain the balance of the R2 bearings.
- ⤷
What is the maximum CFM (Cubic Feet per Minute) rating for this specific model?
- ⤷ How does a cross-flow fan differ electronically from a standard axial fan?
- ⤷ What are the specific dimensions and mounting hole patterns for the W2CE-524-R2/N?