AI

The **W2CE-53A-R** is a specific part number belonging to a series of **AC Axial Fans**, typically manufactured by brands like **Nidec (formerly Lear/Interfan)**. These fans are widely used for cooling electrical enclosures, server racks, and industrial machinery.
Below is the breakdown of its electronic and mechanical specifications.
### 1. Technical Specifications
The "W2CE" series generally refers to high-performance, dual-voltage, or specific frame-size AC fans.
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | Shaded Pole Induction Motor (Single Phase) |
| **Operating Voltage** | 220V - 240V AC |
| **Frequency** | 50 / 60 Hz |
| **Input Power** | ~20W - 30W (Depending on specific load) |
| **Speed** | ~2700 - 3000 RPM |
| **Bearing Type** | Dual Ball Bearing (indicated by "B" or "C" in many AC series) |
| **Termination** | Terminals (standard fast-on type) or Lead Wires |
---
### 2. Internal Electronic Components
Unlike DC fans that use a PCB with a brushless controller, the W2CE-53A-R relies on electromagnetic induction:
* **Stator Windings:** Copper coils wrapped around a laminated steel core. These create the magnetic field necessary to rotate the rotor.
* **Impedance Protection:** The "R" or specific suffix usually indicates that the motor is **Impedance Protected**. This means that if the fan blade is blocked (locked rotor), the internal resistance of the windings prevents the motor from drawing enough current to catch fire.
* **Insulation Class:** Typically **Class B or F**, rated for temperatures up to 130°C–155°C.
* **Capacitor (Optional):** Some high-torque AC fans include a starting capacitor, though most shaded-pole AC fans in this frame size are self-starting via a shading ring on the stator pole.
---
### 3. Mechanical & Environmental Characteristics
* **Frame Material:** Die-cast aluminum (provides heat dissipation and EMI shielding).
* **Blade Material:** Thermoplastic (PBT) or Magnesium alloy (UL94V-0 rated).
* **Mounting:** Standard 120mm x 120mm x 38mm form factor (Industry standard "12038" size).
* **Airflow Direction:** Typically "S" (Strut side) or "L" (Lead side), exhausting air over the motor struts.
---
### 4. Wiring Diagram (Typical)
Since this is an AC-powered device, the wiring is straightforward:
```text
[ Power Source: 230VAC ]
|
+-----+-----+
| |
[Terminal 1] [Terminal 2]
| |
+---( FAN )---+
```
*Note: As an AC fan, it is not polarity sensitive, but a Ground (PE) connection to the metal frame is required for safety.*
---
- ⤷
What is the exact CFM (airflow) rating for the W2CE-53A-R?
- ⤷ Does this fan support speed control via a Triac or VFD?
- ⤷ What is the expected L10 life span of the ball bearings in this model?