AI

The **W2CE-543-R2** is a specific industrial-grade **Direct Current (DC) motor and gear assembly**, commonly utilized in medical equipment, precision instruments, and office automation. It is part of a series often manufactured by companies like **Nidec (formerly Copal Electronics)**.
---
### 1. Key Technical Specifications
The electrical and mechanical characteristics of the W2CE-543-R2 are designed for high torque at relatively low speeds.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Motor Type** | Brushed DC Motor |
| **Nominal Voltage** | 12V to 24V DC |
| **Gear Ratio** | High-reduction ratio (often 1/543) |
| **Rotation** | Bi-directional (CW/CCW) |
| **No-load Speed** | Approx. 10–20 RPM (depending on voltage) |
| **Rated Torque** | Approx. 1.0 – 2.0 kgf·cm |
---
### 2. Core Electronic Components
The assembly consists of several critical sub-parts that determine its performance:
#### A. The DC Motor Section
* **Commutator & Brushes:** The "brushed" design uses precious metal or carbon brushes to deliver current to the rotor.
* **Armature (Rotor):** Wound with copper wire; the gauge of the wire determines the resistance and current draw.
* **Permanent Magnets:** High-energy magnets provide the stationary magnetic field required for rotation.
#### B. The Gearbox (Reduction Unit)
* **Gear Train:** A multi-stage spur gear system that reduces the high RPM of the motor to a usable, high-torque output.
* **Lubrication:** Internal gears are typically pre-lubricated with synthetic grease to reduce electrical noise and physical wear.
#### C. Control Interface
* **Terminals:** Usually features two solder tabs or lead wires. Polarity reversal changes the direction of rotation.
* **Suppression Components:** Some variants include internal capacitors (MLCCs) or varistors to suppress **Electro-Magnetic Interference (EMI)** caused by brush sparking.
---
### 3. Application Use-Cases
Because of its specific gear ratio and reliability, the W2CE-543-R2 is found in:
* **Medical Pumps:** Precise fluid delivery systems.
* **Vending Mechanisms:** Slow, controlled movement of dispensing arms.
* **Security Cameras:** Pan/Tilt mechanisms requiring high torque at slow speeds.
---
### 4. Implementation Example
To control this motor using a microcontroller (like an Arduino), you must use an **H-Bridge** driver (e.g., L298N or TB6612FNG) because microcontrollers cannot provide the necessary current.
```cpp
// Basic Pin Setup for H-Bridge Control
const int motorPin1 = 9; // PWM Pin
const int motorPin2 = 10;
void setup() {
pinMode(motorPin1, OUTPUT);
pinMode(motorPin2, OUTPUT);
}
void loop() {
// Move Forward at 75% speed
analogWrite(motorPin1, 191);
digitalWrite(motorPin2, LOW);
}
```
- ⤷What is the exact stall current for the W2CE-543-R2?
- ⤷ Can this motor be used with a 5V logic controller directly?
- ⤷ What are the common failure points in the W2CE gear motor series?