Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2CE-5AA-R

  • AI
    The **W2CE-5AA-R** belongs to a specific category of electronic components, typically associated with **RJ45 Modular Jacks** featuring integrated magnetics (often called "MagJacks"). These are used primarily in networking hardware to provide physical connectivity and signal conditioning. --- ## 1. General Specifications The W2CE-5AA-R is designed to interface between the Physical Layer (PHY) chip of a network device and the Ethernet cable. | Feature | Specification (Typical) | | :--- | :--- | | **Connector Type** | RJ45 Female | | **Port Configuration** | Single Port (1x1) | | **Speed/Standard** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Orientation** | Right Angle / Tab-Up | | **Termination** | Through-hole (Solder) | | **Shielding** | Metal Shielded (EMI protection) | --- ## 2. Internal Electronic Architecture Unlike a standard plastic RJ45 jack, the W2CE-5AA-R contains passive components inside the metal housing: ### A. Isolation Transformers * **Purpose:** Provides 1500Vrms isolation between the cable and the internal circuitry. * **Function:** Protects the sensitive PHY chip from static electricity, surges, and ground loops. ### B. Common Mode Chokes * **Purpose:** Filters out electromagnetic interference (EMI). * **Function:** Suppresses high-frequency noise while allowing the data signal to pass through cleanly. ### C. Termination Resistors and Capacitors * **Purpose:** Impedance matching. * **Function:** Usually includes "Bob Smith" termination (typically 75-ohm resistors and a high-voltage capacitor) to reduce common-mode emissions and improve signal integrity. --- ## 3. Physical Layout and Pinout The component typically features two sets of pins: 1. **Input (PCB Side):** Connects to the Ethernet Controller/PHY on your circuit board. Usually includes 8 or 10 pins depending on whether LEDs are integrated. 2. **Output (Cable Side):** Standard 8-pin RJ45 interface for Cat5e/Cat6 cables. 3. **Shield Tabs:** Connected to the chassis ground to bleed off interference. ### Visual Pin Mapping Example ```text [ PHY Chip ] <---> [ Magnetic Module ] <---> [ RJ45 Connector ] | (Transformers) (Mechanical Port) | (Chokes) | (Termination) ``` --- ## 4. Part Number Breakdown (General Convention) While naming conventions vary by manufacturer, "W2CE" usually indicates the specific series or mechanical footprint: * **5AA:** Specific internal schematic or LED configuration (e.g., Green/Yellow LEDs). * **R:** Generally indicates **RoHS Compliance** (Lead-free).
    ✨ Follow-up Questions
    • ⤷ What are the specific LED pinout configurations for the W2CE series?
    • ⤷ How does the 'Tab-Up' orientation affect PCB layout compared to 'Tab-Down'?
    • ⤷ What is the maximum voltage rating for the isolation transformers in this component?