Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2CE-5C1-R

  • AI
    The **W2CE-5C1-R** is a specific part number belonging to a series of **Power Distribution Units (PDUs)** or high-current connection modules, often associated with industrial power electronics or server rack power management solutions (frequently manufactured by companies like Enlogic or similar power solution providers). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Product Category** | Power Distribution / Intelligent PDU Component | | **Input Voltage** | Typically 200V - 240V AC (Single Phase) | | **Current Rating** | 32A or 16A (varies by region/config) | | **Plug Type** | Often IEC 60309 (32A) or C20 | | **Outlet Configuration** | Combination of C13 and C19 Sockets | | **Communication Protocol** | SNMP, Modbus TCP, or HTTP(S) | | **Mounting** | 0U (Vertical) or 1U (Horizontal) | --- ### 2. Key Electronic Components The "W2CE" series generally incorporates several sophisticated electronic sub-systems to manage power safely: #### A. Power Monitoring Circuitry * **Energy Metering Chipsets:** Integrated circuits (ICs) designed to measure True RMS voltage, current, power factor, and kilowatt-hours (kWh) with +/- 1% billing-grade accuracy. * **Current Transformers (CTs):** Internal toroidal sensors that wrap around the busbars to detect current flow without direct electrical contact. #### B. Control & Logic Board * **Microcontroller (MCU):** An ARM-based or similar processor that handles the web interface, security encryption, and data logging. * **OLED/LCD Display Driver:** Controls the local physical interface for on-site monitoring of load metrics. #### C. Protection Elements * **Hydraulic-Magnetic Circuit Breakers:** Used instead of thermal breakers to ensure stable operation at high ambient temperatures without "nuisance tripping." * **Surge Protection Device (SPD):** MOVs (Metal Oxide Varistors) designed to clamp voltage spikes and protect downstream IT equipment. #### D. Networking & Connectivity * **Ethernet Controller:** Supports 10/100/1000 Mbps speeds for remote management. * **Sensor Ports:** RJ45 or USB ports used for connecting external environmental sensors (temperature, humidity, fluid leak). --- ### 3. Part Number Decoding (Typical) While naming conventions vary by manufacturer, the **W2CE-5C1-R** designation usually breaks down as follows: * **W2:** Series identifier (e.g., Generation 2 Wireless or Wide-range). * **CE:** Compliance/Region (often indicating CE/European standards). * **5C1:** Internal configuration code for the number of outlets (e.g., C13/C19 mix). * **R:** Indicates "Redundant" controller or "Rack-mount" orientation. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the W2CE-5C1-R?
    • ⤷ Does this model support per-outlet switching or just monitoring?
    • ⤷ What communication protocols are supported for remote management?