W2CE-5DA-R2/UL
AI

The **W2CE-5DA-R2/UL** is a high-performance **solid-state contactor (SSC)** or high-current solid-state relay (SSR) manufactured by **SMC**. It is designed specifically for high-frequency switching of industrial heaters and other resistive loads.
---
### 1. Key Technical Specifications
The model name contains specific configuration data regarding its electrical performance:
| Feature | Specification |
| :--- | :--- |
| **Control Voltage** | 4 to 28 VDC |
| **Load Voltage** | 75 to 264 VAC |
| **Rated Load Current** | 5 Amps |
| **Number of Poles** | 1-Pole (Single Phase) |
| **Switching Method** | Zero-cross function (turns on at zero voltage) |
| **Certification** | UL/CSA Recognized |
---
### 2. Electronic Component Breakdown
#### A. Internal Isolation (Optocoupler)
The unit utilizes **optical isolation**. This ensures that the control circuit (low voltage DC) is physically and electrically separated from the power circuit (high voltage AC), protecting sensitive PLCs or controllers from electrical surges.
#### B. Zero-Cross Switching Circuit
This is a critical electronic feature for heating applications:
- **How it works:** The device waits for the AC voltage waveform to cross the 0V mark before turning the power on.
- **Benefit:** It minimizes **Electromagnetic Interference (EMI)** and reduces high-frequency noise that can interfere with other nearby electronics.
#### C. Power Semiconductor (Triac/Thyristor)
The heart of the unit is a power semiconductor. Unlike traditional mechanical contactors:
- There are **no moving parts**.
- It provides nearly infinite switching cycles, making it ideal for **PID control** where the unit may cycle on/off every few seconds.
---
### 3. Application Use Cases
This part is primarily found in thermal management systems, such as:
1. **Thermo-con Units:** Used in semiconductor manufacturing for precise temperature control.
2. **Industrial Heaters:** Managing resistive heating elements where silent and rapid switching is required.
3. **Packaging Machinery:** Heat-sealing bars that require constant temperature maintenance.
---
### 4. Comparison: Mechanical vs. W2CE-5DA-R2/UL
| Feature | Mechanical Contactor | W2CE-5DA-R2/UL (Solid State) |
| :--- | :--- | :--- |
| **Switching Speed** | Slow (ms) | Extremely Fast (μs) |
| **Lifespan** | Finite (Mechanical Wear) | Long (No moving parts) |
| **Acoustic Noise** | Loud "Clack" | Silent |
| **Heat Generation** | Low | Moderate (Requires heat dissipation) |
---
- ⤷
What are the wiring precautions for the control input of the W2CE-5DA-R2/UL?
- ⤷ Does this model require an external heat sink for the full 5A load?
- ⤷ How does the Zero-cross function affect inductive loads compared to resistive loads?