Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2DY-2412-R2SLASHN

  • AI
    The **W2DY-2412-R2/N** (often stylized as W2DY-2412-R2/N) is a high-performance **Isolated DC-DC Converter** module. These components are essential in industrial and telecommunications applications where stable, regulated voltage is required from a fluctuating power source. --- ### 1. Technical Specifications Based on the nomenclature typical for this series, here are the primary electrical characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Input Voltage Range** | 18V - 36V DC | Designed for 24V nominal systems. | | **Output Voltage** | 12V DC | Fixed regulated output. | | **Output Power** | ~2W to 3W | Typically low power for signal isolation. | | **Isolation Voltage** | 1500V DC | Protects the load from input spikes. | | **Package Style** | SIP/DIP | Through-hole mounting. | | **Efficiency** | 80% - 85% | Minimizes heat dissipation. | --- ### 2. Breakdown of the Model Number The alphanumeric code provides specific details about the component's internal architecture: * **W2D**: Often refers to a Wide input range (2:1 ratio) Dual/Single output series. * **24**: Represents the Nominal Input Voltage (**24V**). * **12**: Represents the Regulated Output Voltage (**12V**). * **R2**: Refers to the revision of the internal circuit design or enhanced regulation. * **SLASHN (/N)**: Usually indicates a specific packaging type (e.g., Tube) or a negative logic/protection feature. --- ### 3. Key Electronic Functions The module utilizes several internal stages to manage power: 1. **Input Filtering:** Uses capacitors and inductors to reduce "Reflected Ripple Current" back to the main power supply. 2. **Switching Stage:** A high-frequency MOSFET oscillator converts DC into high-frequency AC. 3. **Isolation Transformer:** Provides a physical barrier between input and output, preventing ground loops. 4. **Rectification & Smoothing:** Converts AC back to stable 12V DC using Schottky diodes and output capacitors. 5. **Regulation Loop:** Ensures the 12V stays constant even if the input fluctuates between 18V and 36V. --- ### 4. Typical Applications * **Industrial Control:** Providing clean power to sensors on a noisy 24V factory rail. * **Communication Equipment:** Isolating data lines from power surges. * **Distributed Power Architectures:** Where localized 12V is needed from a 24V bus. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the W2DY-2412-R2/N?
    • ⤷ Does this model include short-circuit protection?
    • ⤷ What is the maximum operating temperature for this DC-DC converter?