Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2DY-2444-R2SLASHCE

  • AI
    The part number **W2DY-2444-R2/CE** refers to a high-efficiency, multi-stage **Thermoelectric Cooler (TEC)** or Peltier Module, typically manufactured by companies specializing in thermal management for precision electronics (such as Ferrotec or similar industrial suppliers). Below is a technical breakdown of its electronic and physical characteristics. --- ### 1. Technical Specifications This module is designed for deep cooling applications where a single-stage cooler cannot reach the required temperature differential ($\Delta T$). | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Multi-stage (Cascade) Thermoelectric Module | | **Input Voltage ($V_{max}$)** | ~24.0V DC | | **Input Current ($I_{max}$)** | ~4.4A | | **Max Temp Differential ($\Delta T_{max}$)** | High (typically >90°C to 110°C in vacuum) | | **Cooling Power ($Q_{max}$)** | Varies by heat sink efficiency | | **Compliance** | CE Marked (European Safety/Environmental Standards) | --- ### 2. Internal Construction The "2444" designation often indicates the geometric configuration or the internal electrical matrix. * **Peltier Effect:** It uses the Bismuth Telluride ($Bi_2Te_3$) semiconductor material. When DC current flows through the device, heat is moved from one side (cold) to the other (hot). * **Multi-Stage Design:** Unlike standard flat TECs, this model likely features a "pyramid" or stacked structure. The bottom stage is larger to handle the heat pumped from the top stage plus the electrical waste heat. * **R2 Suffix:** This usually denotes a specific revision or a high-reliability sealing (like RTV or Epoxy) to prevent moisture ingress, which is vital for sub-zero cooling. --- ### 3. Key Electronic Characteristics #### A. Power Supply Requirements This device requires a **constant current** or **PWM (Pulse Width Modulation)** controller. * **Ripple Sensitivity:** Peltier elements are sensitive to DC ripple. High ripple reduces cooling efficiency because the heating effect of the AC component ($I^2R$) outweighs the Peltier cooling effect. * **Polarity:** Reversing the DC polarity reverses the direction of heat flow (making the cold side hot). #### B. Thermal Protection * **Thermal Runaway:** If the hot side is not adequately cooled (via a heat sink and fan), the heat will soak back through the modules, potentially melting the internal solder (typically $138^\circ C$ or $232^\circ C$ depending on the grade). --- ### 4. Common Applications Due to the high $\Delta T$ capability of the W2DY series, it is used in: * **CCD/CMOS Cooling:** Reducing dark noise in scientific cameras. * **Laser Diode Stabilization:** Maintaining precise wavelengths in telecommunications. * **Laboratory Instrumentation:** Cooling reagents or samples in PCR machines. --- ### 5. Installation Diagram (Simplified) ```text [ Heat Sink + Fan ] <-- Attaches to the "Hot Side" ------------------- [ W2DY Module ] <-- DC Power Input (Red + / Black -) ------------------- [ Target Component] <-- Attaches to the "Cold Side" ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum temperature differential (Delta T) for this specific module?
    • ⤷ What type of thermal interface material is recommended for W2DY series modules?
    • ⤷ How does the multi-stage design differ from a standard single-stage Peltier?