Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2DY-24D4-R2/N

  • AI
    The **W2DY-24D4-R2/N** is a specific model within the industrial relay or switching component category, typically associated with high-reliability power control. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications Overview This component is generally a **Double-Pole, Double-Throw (DPDT)** relay or a solid-state equivalent designed for DC control. | Feature | Specification | | :--- | :--- | | **Control Voltage (Input)** | 24V DC | | **Contact Configuration** | 2 Form C (DPDT) | | **Mounting Type** | DIN Rail or Socket Mount | | **Response Time** | High-speed switching (approx. 10-20ms) | | **Indicator** | LED Status Indicator (standard in "R2" series) | | **Protection** | Built-in diode for surge suppression | --- ## 2. Key Electronic Parts & Components The internal architecture of the W2DY-24D4-R2/N consists of several critical stages: ### A. Input Stage (Coil/Control) * **Electromagnetic Coil:** Rated at 24V DC. When energized, it creates a magnetic field to move the internal armature. * **Polarity Protection:** Includes a freewheeling diode (Flyback diode) to prevent Back-EMF from damaging the driving PLC or controller. ### B. Switching Stage (Contacts) * **Contact Material:** Typically Silver Tin Indium (AgSnIn) or Gold-plated silver for low contact resistance and long life. * **Configuration:** The "24D4" indicates a 2-pole configuration, allowing the user to switch two independent circuits simultaneously. ### C. Monitoring & Housing * **LED Circuit:** A built-in LED in series with a resistor provides visual feedback on whether the coil is energized. * **Arc Shielding:** The internal casing is designed to prevent arcing between adjacent poles during high-load switching. --- ## 3. Nomenclature Breakdown Understanding the part number helps in identifying its specific electronic behavior: | Segment | Meaning | | :--- | :--- | | **W2DY** | Series designation (Industrial Slim Relay / Terminal Relay) | | **24D** | Input Voltage (24 Volts Direct Current) | | **4** | Number of poles or specific contact rating code | | **R2** | Designates integrated features like LED and Diode protection | | **N** | Specific terminal type (usually Screw or Push-in Plus) | --- ## 4. Typical Wiring Diagram Logic ```mermaid graph LR A[24V DC +] --> B(Relay Coil) C[0V DC -] --> B B --> D{Mechanical Link} D --> E[Common 1] D --> F[Common 2] E -.-> G[Normally Closed] E === H[Normally Open] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the contacts on this relay?
    • ⤷ How does the 'N' suffix affect the mounting style compared to other versions?
    • ⤷ Does this model require an external socket for DIN rail installation?