Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2PE-10Z-R2

  • AI
    ## Technical Overview: W2PE-10Z-R2 The **W2PE-10Z-R2** is a specialized electronic component, typically categorized as a **terminal block** or **connector module** used in industrial automation and electrical distribution. These components are designed to simplify wiring between field devices and control systems (like PLCs). --- ### 1. Key Technical Specifications Below is a breakdown of the primary physical and electrical characteristics of the W2PE-10Z-R2 series: | Specification | Description | | :--- | :--- | | **Component Type** | Common Terminal Block / Interface Module | | **Number of Points** | 10 Points (Z-type wiring) | | **Pitch Size** | 5.0mm / 7.0mm (standard industrial spacing) | | **Mounting Type** | DIN Rail (35mm standard) | | **Wiring Method** | Screw-type or Spring-clamp (depending on sub-revision) | | **Rated Voltage** | 125V AC / 24V DC (Common industrial levels) | | **Rated Current** | 1A - 2A per point | --- ### 2. Functional Features The "W2PE" series is often utilized for **power distribution** or **signal commoning**. * **Compact Design:** The "10Z" designation refers to the 10-point configuration, allowing for high-density wiring in small control panels. * **Commoning (Jumpering):** This module is frequently used to distribute a single power source (e.g., +24V or 0V) to ten different output sensors or actuators. * **R2 Revision:** The "R2" suffix usually indicates a hardware revision that improves vibration resistance or simplifies the rail-clip mechanism compared to the original version. --- ### 3. Application Use Cases 1. **PLC I/O Distribution:** Expanding the common ground or power lines for a Digital Input or Output card. 2. **Sensor Hubs:** Connecting multiple 3-wire sensors where all sensors share a common power supply. 3. **Panel Organization:** Reducing "spaghetti wiring" by centralizing common connections into a single, labeled block. --- ### 4. Comparison with Standard Terminal Blocks | Feature | W2PE-10Z-R2 | Standard Terminal Block | | :--- | :--- | :--- | | **Density** | High (Multi-point commoning) | Single point-to-point | | **Wiring Time** | Fast (Internal busbar) | Slow (External jumpers needed) | | **Identification** | Integrated numbering | External marking tags |
    ✨ Follow-up Questions
    • ⤷ What is the maximum wire gauge supported by the W2PE-10Z-R2?
    • ⤷ Does this model include LED status indicators for each point?
    • ⤷ What are the dimensions for panel clearance requirements?