W2PE-50D-R2
AI

The **W2PE-50D-R2** is a specific electronic component typically categorized as a **D-Subminiature (D-Sub) high-density connector**. These components are widely used in industrial, computing, and telecommunications equipment for reliable multi-pin data and signal transmission.
---
### 1. Technical Specifications
The part number breaks down into specific physical and electrical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | D-Subminiature (High Density) |
| **Number of Positions** | 50-Pin |
| **Gender** | Male (Plug) |
| **Mounting Type** | Through-hole, Right Angle (R2 typically denotes the layout/bend) |
| **Termination** | Solder Tail |
| **Contact Material** | Copper Alloy (usually with Gold plating over Nickel) |
| **Current Rating** | ~1A to 3A per contact (Standard for HD D-Subs) |
---
### 2. Key Components & Materials
* **Insulator:** Usually made of a high-temperature thermoplastic (like PBT or UL94V-0 rated plastic) to prevent shorting between pins.
* **Shell:** Steel or Brass with Nickel or Tin plating for EMI/RFI shielding and structural durability.
* **Contacts:** Precision-machined or stamped pins designed for low contact resistance.
* **Mounting Hardware:** Often includes "Boardlocks" or threaded "Jackposts" to secure the connector to the PCB and the mating cable.
---
### 3. Application Use Cases
This specific 50-pin high-density configuration is commonly found in:
1. **Industrial Automation:** Connecting PLC units to external sensors or actuators.
2. **Legacy Computing:** High-bandwidth parallel data transfers.
3. **Medical Equipment:** Interface ports for diagnostic machinery where space-saving (high density) is required.
4. **Test & Measurement:** Multi-channel signal routing in oscilloscope or logic analyzer interfaces.
---
### 4. Installation Notes
* **Footprint:** Since this is a "Right Angle" (R2) part, it is designed to sit on the edge of a Printed Circuit Board (PCB), allowing the cable to be plugged in parallel to the board.
* **Soldering:** Requires wave soldering or manual soldering. Ensure the board thickness matches the tail length of the connector to ensure a strong mechanical bond.
- ⤷
What is the exact pin pitch for the W2PE-50D-R2?
- ⤷ Are there waterproof versions of this 50-pin connector?
- ⤷ What is the difference between standard and high-density D-sub connectors?