W2PE-5AZ-R2SLASHUL
AI

The **W2PE-5AZ-R2/UL** is a specific model of an **AC axial fan** manufactured by **Sanyo Denki**, part of their "San Ace" series. This particular fan is designed for high-performance cooling in industrial equipment and server racks.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | AC Axial Fan |
| **Input Voltage** | 230V AC (50/60Hz) |
| **Dimensions** | Approx. 172mm x 150mm x 51mm (Side-cut shape) |
| **Material** | Aluminum frame (Die-cast), Plastic Impeller (UL94V-0) |
| **Bearing Type** | Dual Ball Bearing |
| **Safety Standards** | UL/CSA, TUV, CE |
| **Airflow** | High volume (approx. 180–210 CFM depending on frequency) |
---
### 2. Key Electronic & Mechanical Components
The "Electronic" nature of this fan is defined by its internal motor control and protection circuits:
#### A. Shaded Pole or Capacitor-run Motor
Unlike DC fans that use complex PCB controllers, this AC fan utilizes a robust induction motor. It is designed to handle fluctuations in AC line voltage while maintaining a consistent RPM.
#### B. Integrated Thermal Protection
The "UL" designation often implies specific safety protections. These fans typically include **Impedance Protection** or **Thermal Protection**. If the fan blades are locked (stalled), the internal circuitry prevents the motor coils from overheating and catching fire by limiting the current.
#### C. Ball Bearing System
The unit uses high-precision dual ball bearings. From an engineering standpoint, this reduces friction and electronic noise (EMI) while significantly extending the Life Expectancy (typically 50,000 to 100,000 hours).
#### D. Connection Interface
The "R2" suffix often refers to the specific wiring or terminal configuration:
* **Terminal Type:** Faston #110 terminals or lead wires.
* **Grounding:** The aluminum frame includes a grounding point to prevent ESD (Electrostatic Discharge) buildup.
---
### 3. Application Areas
Due to its high voltage and airflow capacity, it is commonly found in:
1. **Server Enclosures:** Providing primary exhaust for heat-intensive racks.
2. **Industrial Control Panels:** Cooling PLCs and power supplies.
3. **Medical Equipment:** Large-scale imaging machines requiring steady airflow.
---
- ⤷
What is the difference between the R2 and R1 suffixes for Sanyo Denki fans?
- ⤷ Can this fan be used with a variable speed controller?
- ⤷ What are the specific wiring diagrams for the 230V AC connection?